Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D8-48ACW Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # D8-48ACW
Description  HyperLink Brand Weather Resistant Single Stage AC Control Line Lightning and Surge Protector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

D8-48ACW Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  D8-48ACW Datasheet HTML 1Page - Infinite Electronics International, Inc. D8-48ACW Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
HyperLink Brand Weather Resistant Single Stage AC Control Line Lightning and
Surge Protector - Model: AL-D8-xxACW
Applications
•
AC Control Lines
Features
•
Metal Oxide Varistor (MOV) Protection
•
Standard models for 12V, 24V and 48V AC applications
•
Removable screw terminal strip
•
Impact and weather resistant enclosure with locking hinged
cover
Description
The AL-D8-xxACW series lightning surge protectors provides superior protection of AC control lines from transients
and surges. These units will protect 8 individual single ended AC control lines. The design incorporates Metal Oxide
Varistors (MOV). The unit limits the voltage swing on the line to the Varistor voltage rating. These units are
designed to be connected to the lines to be protected and ground. Grounding lugs provide tie points for earth
ground.
These units feature a weather resistant housing featuring a lockable hinged cover and mounting holes are
provided on the rear of the enclosure for mounting. The two cable grommets may be adjusted to cable size and
are removable.
Standard Models
Model: AL-D8-12ACW
Application: 12V AC Control Lines
Model: AL-D8-24ACW
Application: 24V AC Control Lines
Model: AL-D8-48ACW
Application: 48V AC Control Lines


Similar Part No. - D8-48ACW

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
D8-48AC L-COM-D8-48AC Datasheet
117Kb / 2P
HyperLink brand Weatherproof Lightning Surge Protector for AC Control Lines
More results

Similar Description - D8-48ACW

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
FS-TD01D MORNSUN-FS-TD01D Datasheet
124Kb / 2P
EMC lightning surge protector
logo
Red Lion Controls. Inc
SP-TELCO REDLION-SP-TELCO Datasheet
275Kb / 1P
Telephone Line Surge and Lightning Protector
SP-ETH-2 REDLION-SP-ETH-2 Datasheet
392Kb / 1P
10/100BaseT(X) Ethernet Surge and Lightning Protector
logo
Laird Tech Smart Techno...
S8658WPR LSTD-S8658WPR Datasheet
637Kb / 1P
Weather and UV resistant radome
S9025P LSTD-S9025P Datasheet
737Kb / 2P
Weather and UV resistant radome
S9028PCL LSTD-S9028PCL Datasheet
694Kb / 1P
Weather and UV resistant radome
PAL86518H-FNF LSTD-PAL86518H-FNF Datasheet
2Mb / 1P
Weather and UV resistant radome
S8656XR LSTD-S8656XR Datasheet
240Kb / 2P
Weather resistant radome
logo
Microsemi Corporation
PD-OUT MICROSEMI-PD-OUT Datasheet
1Mb / 2P
Outdoor PoE Lightning Surge Protector
logo
Advantech Co., Ltd.
232SP9 ADVANTECH-232SP9 Datasheet
330Kb / 1P
Single-stage Surge Protector ??RS-232, DB9 Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com