Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RM70P30DF Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # RM70P30DF
Description  P-Channel Enhancement Mode Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RM70P30DF Datasheet(HTML) 1 Page - Rectron Semiconductor

  RM70P30DF Datasheet HTML 1Page - Rectron Semiconductor RM70P30DF Datasheet HTML 2Page - Rectron Semiconductor RM70P30DF Datasheet HTML 3Page - Rectron Semiconductor RM70P30DF Datasheet HTML 4Page - Rectron Semiconductor RM70P30DF Datasheet HTML 5Page - Rectron Semiconductor RM70P30DF Datasheet HTML 6Page - Rectron Semiconductor RM70P30DF Datasheet HTML 7Page - Rectron Semiconductor RM70P30DF Datasheet HTML 8Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
P-Channel Enhancement Mode Power MOSFET
Description
The RM70P30DF uses advanced trench technology to provide
excellent RDS(ON), low gate charge . This device is suitable for
use as a load switch or in PWM applications.
General Features
VDS = -30V,ID = -70A
RDS(ON) < 12mΩ @ VGS=-4.5V
RDS(ON) < 7.2mΩ @ VGS=-10V
High Power and current handing capability
Lead free product is acquired
Surface mount package
Application
PWM applications
Load switch
Power management
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
A3031
RM70P30DF
DFN5X6-8L
Ø330mm
12mm
2500 units
Absolute Maximum Ratings (TA=25
unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
-70
A
Drain Current-Continuous(TC=100
)
ID (100
)
-50
A
Drain
Current-Pulsed
(Note 1)
IDM
-200
A
Maximum Power Dissipation
PD
90
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 175
Thermal Characteristic
Thermal Resistance,Junction-to-Case
(Note 2)
RθJC
1.6
/W
RM70P30DF
Halogen-free
D
G
S
Pin5,6,7,8
Pin1,2,3
Pin4
2021-11/83
REV:B


Similar Part No. - RM70P30DF

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM70P30LD RECTRON-RM70P30LD Datasheet
324Kb / 6P
P-Channel Enhancement Mode Power MOSFET
2019-05/83 REV:O
More results

Similar Description - RM70P30DF

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com