Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PQ1K303M2ZP Datasheet(PDF) 1 Page - Sharp Corporation

Part # PQ1K303M2ZP
Description  Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ1K303M2ZP Datasheet(HTML) 1 Page - Sharp Corporation

  PQ1K303M2ZP Datasheet HTML 1Page - Sharp Corporation PQ1K303M2ZP Datasheet HTML 2Page - Sharp Corporation PQ1K303M2ZP Datasheet HTML 3Page - Sharp Corporation PQ1K303M2ZP Datasheet HTML 4Page - Sharp Corporation PQ1K303M2ZP Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Low Power-Loss Voltage Regulators
PQ1Kxx3M2ZP Series
PQ1Kxx3M2ZP Series
Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
s Outline Dimensions
(Unit : mm)
s Features
q
Compact surface mount package SOT-23L (3.4
×2.2×1.2 mm)
q
Output current : MAX.300mA
q
Low power-loss
(Dropout voltage : MAX.0.7 V at IO=300mA)
q
High ripple rejection (TYP. 70dB)
q
Built-in ON/OFF control function
s Applications
q
CD-ROM drives/DVD-ROM drives
q
Digital Still Cameras
•Please refer to the chapter " Handling Precautions ".
s Absolute Maximum Ratings
Internal connection
DC input (VIN)
GND
ON/OFF control terminal (VC)
Noise reduction (Nr)
DC output (VO)
Control
circuit
2.2
±0.2
3.3
±0.3
3.8
MAX
(3.4)
0.32
±0.1✕6
(0.95)(0.95)
1
5
4
3
2
6
1
2
3
4
5
6
1
2 5
3
4
6
(Ta=25˚C)
Input voltage
ON/OFF control terminal voltage
Output current
Power dissipation
Junction temperature
Operating temperature
Storage temperature
Soldering temperature
❇1
❇1
❇2
❇3
Symbol
Vin
Vc
Io
PD
Tj
Topr
Tstg
Tsol
Rating
9
9
300
400
150
–30 to +80
–55 to +150
260(For 10s)
Unit
V
V
mA
mW
˚C
˚C
˚C
˚C
Parameter
❇1 All are open except GND and applicable terminals.
❇2 At mounted on PCB
❇3 Overheat protection may operate at 125<=Tj<=150˚C.
Notice
In the absence of confirmation by device specification sheets,SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs,data books,etc.Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet Internet address for Electronic Components Group http://sharp-world.com/ecg/


Similar Part No. - PQ1K303M2ZP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1K303M2ZP SHARP-PQ1K303M2ZP Datasheet
45Kb / 3P
Low Power-Loss Voltage Regulator
More results

Similar Description - PQ1K303M2ZP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ7VZ5 SHARP-PQ7VZ5 Datasheet
43Kb / 5P
Variable Output, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1KAXX3MZPH SHARP-PQ1KAXX3MZPH Datasheet
138Kb / 4P
Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1LXX3M2SP SHARP-PQ1LXX3M2SP Datasheet
73Kb / 5P
Compact Surface Mount Type, Low Output Current, Low Power-Loss Voltage Regulators
PQ1R30 SHARP-PQ1R30_02 Datasheet
74Kb / 6P
Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1UXX1M2ZPH SHARP-PQ1UXX1M2ZPH Datasheet
202Kb / 4P
Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1XXX1M2ZPH SHARP-PQ1XXX1M2ZPH Datasheet
161Kb / 4P
Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WN3MZPH SHARP-PQ200WN3MZPH Datasheet
152Kb / 6P
Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ200WNA1ZPH SHARP-PQ200WNA1ZPH Datasheet
146Kb / 5P
Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1LA153MSPQ SHARP-PQ1LA153MSPQ Datasheet
133Kb / 4P
Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1R33J0000H SHARP-PQ1R33J0000H Datasheet
79Kb / 6P
Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com