Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B37872 Datasheet(PDF) 1 Page - EPCOS

Part # B37872
Description  Multilayer ceramic capacitor HighCV, X7R, 16 V and 25 V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37872 Datasheet(HTML) 1 Page - EPCOS

  B37872 Datasheet HTML 1Page - EPCOS B37872 Datasheet HTML 2Page - EPCOS B37872 Datasheet HTML 3Page - EPCOS B37872 Datasheet HTML 4Page - EPCOS B37872 Datasheet HTML 5Page - EPCOS B37872 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Multilayer ceramic capacitor
HighCV, X7R, 16 V and 25 V
Series/Type:
Chip
Ordering code: B37***K
Date:
15.07.2005
Version:
1
Content of inside pages of data sheet. Data will be automatically entered into headers and
footers. Please fill in the table and then change the colour to “White”. This ensures that the
table disappears for the customer pdf.
Identification/Classification 1: (header 1)
Multilayer ceramic capacitor
Identification/Classification 2: (header 2)
HighCV, X7R, 16 V and 25 V
Ordering code:
B37***K
Series/Type:
Chip
Preliminary data (optional): (if necessary)
Department:
KB VS PE
Date:
15.07.2005
Prepared by:
Mr. Wischnat
Release signed PE:
Dr. Engel
Release signed QS:
Dr. Slakhorst
Modifications/Remarks:
xx
xx
xx
 EPCOS AG 2005. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information
contained therein without EPCOS' prior express consent is prohibited.


Similar Part No. - B37872

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B37872-K0224-K62 ETC2-B37872-K0224-K62 Datasheet
323Kb / 17P
Multilayer Chip Capacitors
logo
EPCOS
B37872K0105K0 EPCOS-B37872K0105K0 Datasheet
203Kb / 13P
Multilayer Ceramic Capacitors
10/02
B37872K0334K0 EPCOS-B37872K0334K0 Datasheet
203Kb / 13P
Multilayer Ceramic Capacitors
10/02
B37872K0474K0 EPCOS-B37872K0474K0 Datasheet
203Kb / 13P
Multilayer Ceramic Capacitors
10/02
B37872K1102K0 EPCOS-B37872K1102K0 Datasheet
165Kb / 24P
Multilayer ceramic capacitors
October 2006
More results

Similar Description - B37872

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210X106M3RACTU KEMET-C1210X106M3RACTU Datasheet
72Kb / 1P
Capacitor, Ceramic, SMD, MLCC, FT-CAP, Temp Stable, 10 uF, /-20% Tol, 25 V, X7R, 1210 (3225 metric)
C315C105K3R5TA KEMET-C315C105K3R5TA Datasheet
56Kb / 1P
Capacitor, ceramic, 1 uF, /-10% Tol, 25 V, X7R, Lead Spacing=0.1"||" "904409
LOW VF SCHOTTKY BARRIER RECTIFIERS
C410C104K1R5TA KEMET-C410C104K1R5TA Datasheet
58Kb / 1P
Capacitor, Ceramic, 0.1 uF, /-10% Tol, 100 V, X7R
C410C105K3R5TA KEMET-C410C105K3R5TA Datasheet
59Kb / 1P
Capacitor, Ceramic, 1 uF, /-10% Tol, 25 V, X7R
C410C474K5R5TA KEMET-C410C474K5R5TA Datasheet
59Kb / 1P
Capacitor, Ceramic, 0.47 uF, /-10% Tol, 50 V, X7R
C430C475K3R5TA KEMET-C430C475K3R5TA Datasheet
59Kb / 1P
Capacitor, Ceramic, 4.7 uF, /-10% Tol, 25 V, X7R
C412C104J5R5TA KEMET-C412C104J5R5TA Datasheet
59Kb / 1P
Capacitor, ceramic, 0.1 uF, /-5% Tol, 50 V, X7R
C1210C226M3R2CAUTO KEMET-C1210C226M3R2CAUTO Datasheet
76Kb / 1P
KPS SMD Auto X7R, Ceramic, Commercial Grade, 22 uF, 20%, 25 V, 1210-2, X7R
C2220C106K3R1CAUTO KEMET-C2220C106K3R1CAUTO Datasheet
75Kb / 1P
KPS SMD Auto X7R, Ceramic, Commercial Grade, 10 uF, 10%, 25 V, 2220-1, X7R
C2220C226K3R1CAUTO KEMET-C2220C226K3R1CAUTO Datasheet
75Kb / 1P
KPS SMD Auto X7R, Ceramic, Commercial Grade, 22 uF, 10%, 25 V, 2220-1, X7R
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com