Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST-10-R-B130-G630 Datasheet(PDF) 7 Page - Luminus, Inc

Part # SST-10-R-B130-G630
Description  Red LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SST-10-R-B130-G630 Datasheet(HTML) 7 Page - Luminus, Inc

Back Button SST-10-R-B130-G630 Datasheet HTML 3Page - Luminus, Inc SST-10-R-B130-G630 Datasheet HTML 4Page - Luminus, Inc SST-10-R-B130-G630 Datasheet HTML 5Page - Luminus, Inc SST-10-R-B130-G630 Datasheet HTML 6Page - Luminus, Inc SST-10-R-B130-G630 Datasheet HTML 7Page - Luminus, Inc SST-10-R-B130-G630 Datasheet HTML 8Page - Luminus, Inc SST-10-R-B130-G630 Datasheet HTML 9Page - Luminus, Inc SST-10-R-B130-G630 Datasheet HTML 10Page - Luminus, Inc SST-10-R-B130-G630 Datasheet HTML 11Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
(Part #) Product Datasheet
7
PDS-002895 Rev 04
© 2023 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
SST-10-Red
Product Datasheet
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
570
580
590
600
610
620
630
640
650
660
670
680
Wavelength (nm)
Typical Spectrum
I
f = 0.35 A, Tj= 25°C
Typical Angular Distribution - B130
T
j= 25°C
Angular Distribution and Spectrum
Typical Angular Distribution - B90
T
j= 25°C
ConversionTable - Radiometric Power - Lumens
I
f = 0.35 A, Tj= 25°C
Dominant wavelength (nm)
(mW)
615 nm 620 nm 625 nm 630 nm
Flux bin
G bin
270
66 lm
53 lm
41 lm
31 lm
H bin
310
76 lm
60 lm
47 lm
35 lm
J bin
350
86 lm
68 lm
53 lm
40 lm
K bin
390
96 lm
76 lm
59 lm
44 lm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com