Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PQ30RV2 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ30RV2
Description  Low Power-Loss Voltage Regulators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ30RV2 Datasheet(HTML) 2 Page - Sharp Corporation

  PQ30RV2 Datasheet HTML 1Page - Sharp Corporation PQ30RV2 Datasheet HTML 2Page - Sharp Corporation PQ30RV2 Datasheet HTML 3Page - Sharp Corporation PQ30RV2 Datasheet HTML 4Page - Sharp Corporation PQ30RV2 Datasheet HTML 5Page - Sharp Corporation PQ30RV2 Datasheet HTML 6Page - Sharp Corporation PQ30RV2 Datasheet HTML 7Page - Sharp Corporation PQ30RV2 Datasheet HTML 8Page - Sharp Corporation PQ30RV2 Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Low Power-Loss Voltage Regulators
PQ30RV1/PQ30RV11/PQ30RV2/PQ30RV21
Parameter
Symbol
Rating
Unit
VIN
VADJ
IO
PD1
PD2
Tj
Topr
Tstg
Tsol
35
7
1
2
1.5
15
18
150
–20 to +80
–40 to +150
260(For 10s)
V
V
A
W
W
˚C
˚C
˚C
˚C
Input voltage
Output voltage adjustment voltage
Output current
Power dissipation(No heat sink)
Power dissipation
(With infinite heat sink)
Junction temperature
Operating temperature
Storage temperature
Soldering temperature
❇1
❇1
❇2
❇1 All are open except GND and applicable terminals.
❇2 Overheat protection may operate at Tj>=125˚C.
s Absolute Maximum Ratings
(Ta=25˚C)
PQ30RV1/PQ30RV11
PQ30RV2/PQ30RV21
PQ30RV1/PQ30RV11
PQ30RV2/PQ30RV21
Parameter
Symbol
Conditions
VIN
VO
RegL
RegI
RR
Vref
TcVref
Vi-O
Iq
Input voltage
Output voltage
Load regulation
Line regulation
Ripple rejection
Reference voltage
Temperature coefficient of reference voltage
Dropout voltage
Quiescent current
Unit
MAX.
TYP.
MIN.
4.5
1.5
−
−
−
45
55
1.20
1.225
−
−
−
−
R2=94
Ω to 8.5kΩ
R2=84
Ω to 8.7kΩ
IO=5mA to 1A
IO=5mA to 2A
VIN=11 to 28V
Cref=0
Refer to Fig. 2
Cref=3.3
µF
−
Tj=0 to 125˚C
❇3, IO=0.5A
❇3, IO=2A
IO=0
−
−
0.3
0.5
0.5
55
65
1.25
1.25
±1.0
−
−
35
30
1.0
1.0
2.5
−
−
1.30
1.275
−
0.5
7
s Electrical Characteristics
❇3 Input voltage shall be the value when output voltage is 95% in comparison with the initial value.
Unless otherwise specified, condition shall be
VIN=15V, VO=10V, IO=0.5A, R1=390
Ω(PQ30RV1/PQ30RV11)
VIN=15V, VO=10V, IO=1.0A, R1=390
Ω(PQ30RV2/PQ30RV21)
V
V
%
%
dB
V
%
V
mA
PQ30RV1/PQ30RV2
PQ30RV11/PQ30RV21
PQ30RV1/PQ30RV11
PQ30RV2/PQ30RV21
PQ30RV1/PQ30RV2
PQ30RV11/PQ30RV21
PQ30RV1/PQ30RV11
PQ30RV2/PQ30RV21
(Ta=25˚C)
Fig. 1 Test Circuit
Fig. 2 Test Circuit of Ripple Rejection
V
A
V
V
A
VIN
Iq 390
Ω
IO
VO
RL
0.33
µF
47
µF
+
Vref
R2
R1
VIN
ei
eo
390
Ω
IO
RL
0.33
µF
47
µF
+
Cref
R2
R1
+
3.3
µF
+
IO=0.5A
f=120Hz(sine wave)
ei(rms)=0.5V
RR=20 log(ei(rms)/eo(rms))
VO=Vref
× 1+ –––––
R2
R1
[R1=390
Ω,Vref Nearly=1.25V]
1
2
3
4
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com