Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA7282ZP Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SAA7282ZP
Description  Terrestrial Digital Sound Decoder TDSD2
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7282ZP Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SAA7282ZP Datasheet HTML 6Page - NXP Semiconductors SAA7282ZP Datasheet HTML 7Page - NXP Semiconductors SAA7282ZP Datasheet HTML 8Page - NXP Semiconductors SAA7282ZP Datasheet HTML 9Page - NXP Semiconductors SAA7282ZP Datasheet HTML 10Page - NXP Semiconductors SAA7282ZP Datasheet HTML 11Page - NXP Semiconductors SAA7282ZP Datasheet HTML 12Page - NXP Semiconductors SAA7282ZP Datasheet HTML 13Page - NXP Semiconductors SAA7282ZP Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
July 1993
10
Philips Semiconductors
Product specification
Terrestrial Digital Sound Decoder (TDSD2)
SAA7282
CFC
Signals a change of configuration at the 16-frame
boundary. It is cleared to logic 1 by the I2C-bus reading the
status register.
E7 to E0
This is an error count byte which counts the number of
error flags in a 128 ms period. The register is updated
every 128 ms.
AD10 to AD0
These are the additional data bits from the transmission
and are updated every 1 ms.This provides a data capacity
of 11 kbit/s.
SAD
SAD is the 'status additional data' bit. This is set to logic 1
when new bits AD10 to AD0 are latched into the I2C-bus
registers. It is automatically reset to logic 0 when
AD_BYTE_1 is read by the bus master.
OVW
OVW is the overwrite indicator for the additional data.
This bit is set when the transmission overwrites additional
data bits which have not been read by the bus master.
This bit is automatically reset to logic 0 when AD_BYTE_1
is read by the bus master.
CI1 to CI2
These represent the CI bits which are extracted by a
majority logic process from the parity checks of the last ten
samples in a frame (samples 55 to 64). CI1 will be
conveyed by the parity grouping of samples 55 to 59 and
CI2 will be conducted by the parity grouping of samples 60
to 64. Both parity groups will be even for UK transmissions
such that CI2 = logic 0 and CI1 = logic 0. The
transmissions of countries following the specification
issued by the EBU (Document SPB424;
“Digital sound
transmissions in terrestrial television”) will allow odd or
even parity groups, thus providing an additional 2 kbit/s
data capacity.
Table 6
Indicator bits functional truth table.
Note
1. Holds last value before synchronization loss or stereo (S/M = logic 1; D/S = logic 0) if synchronization not achieved
since power-on reset.
TRANSMISSION
C1
C2
C3
S/M
D/S
VDSP
OS
Stereo
0
0
0
1
0
1
1
M1
+ M2
0
1
0
0
1
1
1
M1
+ data
1
0
0
0
0
1
1
Transparent data
1
1
0
0
0
0
1
Any currently undefined combination of C1, C2, C3
0
0
0
1
Decoder unsynchronized (OS = logic 0)
note 1
note 1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com