Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B43698 Datasheet(PDF) 4 Page - EPCOS

Part # B43698
Description  Axial Aluminum Electrolytic Capacitors for Electronic Ballasts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43698 Datasheet(HTML) 4 Page - EPCOS

  B43698 Datasheet HTML 1Page - EPCOS B43698 Datasheet HTML 2Page - EPCOS B43698 Datasheet HTML 3Page - EPCOS B43698 Datasheet HTML 4Page - EPCOS B43698 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Dimensional Drawings
KAL0680-9
max
max
d
1,3+0,1
5
40 _
40 5
_
max +1,5
max +4
ø1
ø1
Dimensions (mm)
Approximate
wire W
Packing units
d x l
dmax x Imax
mass (g)
(mm)
Bulk (pcs.)
Reel (pcs.)
Pallet (pcs.)
12 x 30
12.5 x 30.5
5.1
0.8
600
450
288
14 x 25
14.5 x 25.5
5.7
0.8
500
350
200
14 x 30
14.5 x 30.5
6.8
0.8
400
350
200
16 x 30
16.5 x 30.5
8.9
0.8
350
250
180
16 x 39
16.5 x 40
11.7
0.8
300
–
180
18 x 30
18.5 x 30.5
11.1
1.0
300
–
160
18 x 39
18.5 x 40
14.7
1.0
250
–
160
KAL0677-P-E
[1P] PROD ID: B43697 A5476 Q000
[1T] LOT NO: 20510000
[30P] PROD NO: 90017418
[Q] QTY: 000250
[10D] D/C: 02056
[1P]
[1T]
[10D]
[30P]
[Q]
47UF/450V 18X39MM
AL-CAPACITOR
AXIAL LEADED TYPE
Ordering code (bulk, e.g.)
Product number
Date code (yywwd)
Lot number
Quantity
Packing
KAL0228-7
25
Etikett
Label
91+1
100+1
Axial-leaded capacitor
(pallet/Q007; reel/Q009)
Label



Html Pages

1 2 3 4 5