Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PJ-066X Datasheet(PDF) 2 Page - CUI Devices

Part # PJ-066X
Description  DC POWER JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

PJ-066X Datasheet(HTML) 2 Page - CUI Devices

  PJ-066X Datasheet HTML 1Page - CUI Devices PJ-066X Datasheet HTML 2Page - CUI Devices PJ-066X Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
date 10/30/2019
│ page 2 of 3
CUI Devices
│ SERIES: PJ-066X │ DESCRIPTION: DC POWER JACK
cuidevices.com
8.10 0.319
14.20 0.559
4.80 0.189
11.20 0.441
5.70 0.224
0.10
4.80 0.189
3.80 0.150
3.90 0.154
8.10 0.319
11.20 0.441
14.20 0.559
9.55 0.376
11.00 0.433
0.10
1
2
PCB LAYOUT
TOP VIEW
3.00X0.70
(3 PLCS)
3
10.100.398
8.10 0.319
0.30 0.012
10.000.394
5/16x32W
2
1
5/16X32W
3
2.50 0.098
(3 PLCS)
0.224
0.20
0.106
5.70
2.70
0.20
7.80 0.307
0.20
10.400.409
0.118
0.20
3.00
4.50 0.177
(3 PLCS)
2.10 0.083
refer to
schematic
MECHANICAL DRAWING
MATERIAL
PLATING
center pin
brass
nickel
terminal 1
brass
silver
terminal 2
phosphor bronze silver
terminal 3
brass
silver
bushing
brass
nickel
insulator
red vulcanite fiber
plastic
PBT
nut
brass
nickel
washer
steel
nickel
units: mm[inches]
TOLERANCE:
±0.3mm (unless otherwise specified)
MATING PLUG
Jack Insertion Depth: 8.4mm
Schematic
Model
Center Pin
PJ-066A
ø2.0 mm
PJ-066B
ø2.5 mm
3
2
1
Additional Resources: Product Page



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com