Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GP2A230LRSAF Datasheet(PDF) 6 Page - Sharp Corporation

Part # GP2A230LRSAF
Description  Snap-in type Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2A230LRSAF Datasheet(HTML) 6 Page - Sharp Corporation

Back Button GP2A230LRSAF Datasheet HTML 2Page - Sharp Corporation GP2A230LRSAF Datasheet HTML 3Page - Sharp Corporation GP2A230LRSAF Datasheet HTML 4Page - Sharp Corporation GP2A230LRSAF Datasheet HTML 5Page - Sharp Corporation GP2A230LRSAF Datasheet HTML 6Page - Sharp Corporation GP2A230LRSAF Datasheet HTML 7Page - Sharp Corporation GP2A230LRSAF Datasheet HTML 8Page - Sharp Corporation GP2A230LRSAF Datasheet HTML 9Page - Sharp Corporation GP2A230LRSAF Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Sheet No.: D3-A05201EN
GP2A231LRSAF/GP2A230LRS0F/GP2A230LRSAF
Fig.2 Test Condition for Detecting Distance Characteristics
VOH
VOL
LLHS
LHLS
LHLL
LLHL
Detecting distance L
Detection surface
Reflective object
Fig.1 Test Condition for Peak Pulse Value ICCP
VO
GND
tW
tP
V
ICCP=Vr/1Ω
tW (TYP.)=8μs
tP (TYP.)=130μs
VCC=5V
R=1Ω
1
2
3
Reflective photointerrupter
Fig.3 Test Circuit for Response Time
VO
GND
VOH
1.5V
VOL
L
RL=1kΩ
VOUT
waveform
VCC=5V
Reflective object
Detection surface
With reflective object
Without reflective object
tPHL
tPLH
1
2
3
Reflective photointerrupter
EV1:At non-detecting
EV2:At detecting
Illuminance shall be that on the emission/detection surface.
Output shall not go from "H" to "L".
Illuminance shall be that on the reflective
object.
Output shall not go from "L" to "H".
Light source A
Emission/detection surface
PPC paper
7mm
Emission/detection
surface
Light source A
Reflective
photointerrupter
Reflective photointerrupter
Fig.4 Test Condition for External Disturbing Light Illuminance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com