Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAA8110G Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SAA8110G
Description  Digital Signal Processor DSP for cameras
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA8110G Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SAA8110G Datasheet HTML 17Page - NXP Semiconductors SAA8110G Datasheet HTML 18Page - NXP Semiconductors SAA8110G Datasheet HTML 19Page - NXP Semiconductors SAA8110G Datasheet HTML 20Page - NXP Semiconductors SAA8110G Datasheet HTML 21Page - NXP Semiconductors SAA8110G Datasheet HTML 22Page - NXP Semiconductors SAA8110G Datasheet HTML 23Page - NXP Semiconductors SAA8110G Datasheet HTML 24Page - NXP Semiconductors SAA8110G Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
1997 Jun 13
21
Philips Semiconductors
Preliminary specification
Digital Signal Processor (DSP) for
cameras
SAA8110G
39
NPIX_LSB
number of pixels on a line
byte
0 to 255
40
NPIX_MSB
number of pixels on a line
2 bits
0 to 3
41
FPIX_ACT
number of first active pixel on a line
byte
0 to 255
42
LPIX_ACT_LSB
number of last active pixel on a line
byte
0 to 255
43
FLINE_ACT_F0
number of first active line in field 0
byte
0 to 255
44
LLINE_ACT_F0_LSB
number of last active line in field 0
byte
0 to 255
45
FLINE_ACT_F1_LSB
number of first active line in field 1/frame
byte
0 to 255
46
LLINE_ACT_F1_LSB
number of last active line in field 1/frame
byte
0 to 255
47
ACT_LINES_MSB
MSBs of active line numbers
byte
see Table 7
48
CTR_UPD_LINE
number of line for double buffered update control
registers
byte
0 to 255
49
KCOMB
vertical contour comb filter coefficient (MS)
3 bits
0 to 7
VCGAIN
vertical contour gain (LS)
4 bits
0 to 15
50
CLDLEV
contour level dependancy level(1)
byte
0 to 255
51
HCHGAIN
horizontal contour band pass filter high gain (MS)
4 bits
0 to 15
HCLGAIN
horizontal contour band pass filter low gain (LS)
4 bits
0 to 15
52
CNCLEV
contour noise coring level(1)
6 bits
0 to 63
53
CONGAIN
contour gain factor
byte
0 to 63
54
FCDLEV
false colour detect level
byte
0 to 255
55
YNCLEV
Y (luminance) noise coring level
byte
0 to 127
56
YGAIN
Y (luminance) gain factor(1)
byte
0
57
YCMPDEL
Y (luminance) compensation delay
4 bits
−3to4
see Table 8
58
UVNCLEV
UV (chrominance) noise coring level
byte
0 to 255
59
UGAIN
U(B
− Y) gain factor(1)
byte
0
60
VGAIN
V(R
− Y) gain factor(1)
byte
0
61
DTO_FREQ_LSB
DTO frequency (MSB)(1)
byte
0 to 255
62
DTO_FREQ_ISB
DTO frequency(1)
byte
0 to 255
63
DTO_FREQ_MSB
DTO frequency (LSB)(1)
byte
0 to 255
64
PHASESHIFT
PHASE_SHIFT colour subcarrier
byte
0 to 255
65
BURST_LEVEL
BURST_LEVEL colour burst
byte
0 to 255
66
A
AWB_A (ME)
byte
−98
pole_thresh #A (DPD)
byte
0 to 255
67
B
AWB_B (ME); pole_thresh #B (DPD)
byte
−104
68
C
AWB_C (ME); pole_thresh #A (DPD)
byte
−68
69
D
AWB_D (ME); pole_thresh #B (DPD)
byte
126
70
E
AWB_E (ME)
6 bits
63
pole_thresh #A (DPD)
byte
63
71
F
AWB_F (ME)
6 bits
0
pole_thresh #B (DPD)
byte
0
72
HIGHLIGHTTHR
highlight-threshold (ME); pole_thresh #A(DPD)
byte
60
ADDRESS
SYMBOL
FUNCTION
FORMAT
RANGE/VALUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com