Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X7550D Datasheet(PDF) 1 Page - EPCOS

Part # X7550D
Description  SAW bandpass Filter Low loss bandpass filter for terrestrial TV applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X7550D Datasheet(HTML) 1 Page - EPCOS

  X7550D Datasheet HTML 1Page - EPCOS X7550D Datasheet HTML 2Page - EPCOS X7550D Datasheet HTML 3Page - EPCOS X7550D Datasheet HTML 4Page - EPCOS X7550D Datasheet HTML 5Page - EPCOS X7550D Datasheet HTML 6Page - EPCOS X7550D Datasheet HTML 7Page - EPCOS X7550D Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© EPCOS AG 2006. Reproduction, publication and dissemination of this data sheet, enclosures
hereto and the information contained therein without EPCOS’ prior express consent is prohibited.
SAW Components
SAW bandpass Filter
Low loss bandpass filter for terrestrial TV applications
Series/type:
Ordering code:
X 7550 D
Date:
Version:
July 17, 2006
1.1


Similar Part No. - X7550D

ManufacturerPart #DatasheetDescription
logo
NEC
X754HB NEC-X754HB Datasheet
902Kb / 2P
NEC LCD 75" Specialty Large Format Display
More results

Similar Description - X7550D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
SAW BANDPASS FILTER
logo
EPCOS
X6753M EPCOS-X6753M Datasheet
80Kb / 8P
SAW bandpass filter Bandpass filters for terrestrial TV applications
X6756M EPCOS-X6756M Datasheet
82Kb / 7P
SAW bandpass filter Bandpass Filter for Digital Cable Applications
X6764D EPCOS-X6764D Datasheet
75Kb / 7P
SAW bandpass filter Bandpass filters for terrestrial TV applications
logo
TEMEX
TMXW404 TEMEX-TMXW404 Datasheet
286Kb / 3P
SAW Bandpass Filter - Digital TV Application
logo
Advanced Crystal Techno...
ACTX2748D ACT-ACTX2748D Datasheet
92Kb / 4P
Bandpass Filter for Digital Terrestrial TV Applications
SEPT 04
ACTX3142D ACT-ACTX3142D Datasheet
97Kb / 3P
Bandpass Filter for Digital Terrestrial TV Applications
SEPT 04
logo
Oscilent Corporation
811-SL200.0M-05 OSCILENT-811-SL200.0M-05 Datasheet
268Kb / 2P
200.0 MHz Bandpass SAW Filter Low Loss
logo
Advanced Crystal Techno...
ACTF9357 ACT-ACTF9357 Datasheet
341Kb / 7P
SAW BANDPASS FILTER
ACTF4228 ACT-ACTF4228 Datasheet
214Kb / 3P
Low-loss Bandpass filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com