Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KBPC1006 Datasheet(PDF) 4 Page - Won-Top Electronics

Part # KBPC1006
Description  10A SINGLE-PHASE BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBPC1006 Datasheet(HTML) 4 Page - Won-Top Electronics

  KBPC1006 Datasheet HTML 1Page - Won-Top Electronics KBPC1006 Datasheet HTML 2Page - Won-Top Electronics KBPC1006 Datasheet HTML 3Page - Won-Top Electronics KBPC1006 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KBPC10 SERIES
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
KBPC1000
Square Bridge
50 Units/Box
KBPC1000W
Square Bridge
50 Units/Box
KBPC1001
Square Bridge
50 Units/Box
KBPC1001W
Square Bridge
50 Units/Box
KBPC1002
Square Bridge
50 Units/Box
KBPC1002W
Square Bridge
50 Units/Box
KBPC1004
Square Bridge
50 Units/Box
KBPC1004W
Square Bridge
50 Units/Box
KBPC1006
Square Bridge
50 Units/Box
KBPC1006W
Square Bridge
50 Units/Box
KBPC1008
Square Bridge
50 Units/Box
KBPC1008W
Square Bridge
50 Units/Box
KBPC1010
Square Bridge
50 Units/Box
KBPC1010W
Square Bridge
50 Units/Box
KBPC1012
Square Bridge
50 Units/Box
KBPC1012W
Square Bridge
50 Units/Box
KBPC1014
Square Bridge
50 Units/Box
KBPC1014W
Square Bridge
50 Units/Box
KBPC1016
Square Bridge
50 Units/Box
KBPC1016W
Square Bridge
50 Units/Box
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, KBPC1000-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com