Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFT501 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFT501
Description  5 AMP 200 Volts HIGH SPEED PNP Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT501 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFT501 Datasheet HTML 1Page - Solid States Devices, Inc SFT501 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information
1/
SFT501 __ __
SFT503 __ __
¦
¦
¦
¦
¦
+ Screening
2/ __ = Not Screen
TX = TX Level
TXV = TXV Level
S
= S Level
+ Package
3/
__
= TO-5
SFT501 and SFT503
Series
5 AMP
200 Volts
HIGH SPEED
PNP Transistor
Features:
• Radiation Tolerant
• Fast Switching
• High Frequency, 50 MHz Typical
• BVCEO 150 Volts Min
• High Linear Gain
• Very Low Leakage and Saturation
• 200ºC Operating Temperature
• Gold Eutectic Die Attach
• Designed for Complementary Use with SFT502 and
SFT504
Maximum Ratings
Symbol
Value
Units
Collector – Emitter Voltage
VCEO
150
Volts
Collector – Base Voltage
VCBO
200
Volts
Emitter – Base Voltage
VEBO
7
Volts
Continues Collector Current
IC
5
Amps
Base Current
IB
1
Amps
Power Dissipation @ TC = 50ºC
Derate above 50ºC
PD
10
66.6
W
mW/ºC
Operating & Storage Temperature
Top & Tstg
-65 to +200
ºC
Maximum Thermal Resistance
Junction to Case
R?JC
15
ºC/W
TO-5
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
B17BH
DATA SHEET #: TR0040C
DOC


Similar Part No. - SFT501

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT501 SSDI-SFT501 Datasheet
121Kb / 2P
HIGH SPEED PNP Transistor
SFT501-G SSDI-SFT501-G Datasheet
109Kb / 2P
5 AMP 200 VOLTS PNP HIGH SPEED POWER TRANSISTOR
SFT501-G SSDI-SFT501-G Datasheet
123Kb / 2P
PNP HIGH SPEED Power Transistor
SFT501-G SSDI-SFT501-G_1 Datasheet
123Kb / 2P
PNP HIGH SPEED Power Transistor
SFT501-J SSDI-SFT501-J Datasheet
122Kb / 2P
HIGH SPEED PNP Transistor
More results

Similar Description - SFT501

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
2N6192 SSDI-2N6192 Datasheet
286Kb / 6P
5 AMP HIGH SPEED PNP TRANSISTOR 100 VOLTS
SFT5333 SSDI-SFT5333 Datasheet
251Kb / 2P
2 AMP 100 VOLTS HIGH SPEED PNP TRANSISTOR
SFT501-G SSDI-SFT501-G Datasheet
109Kb / 2P
5 AMP 200 VOLTS PNP HIGH SPEED POWER TRANSISTOR
SFT502 SSDI-SFT502 Datasheet
32Kb / 2P
5 AMP 200 Volts HIGH SPEED NPN Transistor
2N5151 SSDI-2N5151 Datasheet
224Kb / 2P
5 AMP HIGH SPEED PNP TRANSISTOR
2N5003 SSDI-2N5003 Datasheet
224Kb / 2P
5 AMP HIGH SPEED PNP TRANSISTOR 100 VOLTS
SFT5001 SSDI-SFT5001 Datasheet
210Kb / 2P
5 AMP HIGH SPEED PNP TRANSISTOR 150 VOLTS
SPT5330 SSDI-SPT5330 Datasheet
217Kb / 2P
30 AMP HIGH SPEED PNP TRANSISTOR 150 VOLTS
TR0131A SSDI-TR0131A Datasheet
160Kb / 3P
5 AMP PNP HIGH SPEED POWER TRANSISTOR 120 VOLTS
TR0132A SSDI-TR0132A Datasheet
160Kb / 3P
5 AMP PNP HIGH SPEED POWER TRANSISTOR 120 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com