Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AOCSPPER003ARI Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # AOCSPPER003ARI
Description  Active Optical Cable SFP to SFP, 10G, 1 to 20 Meters Riser Rated (OFNR), Coded for Various Platforms
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AOCSPPER003ARI Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  AOCSPPER003ARI Datasheet HTML 1Page - Infinite Electronics International, Inc. AOCSPPER003ARI Datasheet HTML 2Page - Infinite Electronics International, Inc. AOCSPPER003ARI Datasheet HTML 3Page - Infinite Electronics International, Inc. AOCSPPER003ARI Datasheet HTML 4Page - Infinite Electronics International, Inc. AOCSPPER003ARI Datasheet HTML 5Page - Infinite Electronics International, Inc. AOCSPPER003ARI Datasheet HTML 6Page - Infinite Electronics International, Inc. AOCSPPER003ARI Datasheet HTML 7Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
USA & Canada
+1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
2
AOC-SPP-ER-RRR-PPP REV 1 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
Active Optical Cable SFP+ to SFP+, 10G, 1 to 20 Meters
Riser Rated (OFNR), Coded for Various Platforms
AOC-SPP-ER-RRR-PPP
Receiver Output Voltage
-0.3
4
V
.
Electrical Notes
• AC coupled internally. Self-biasing 100 ohms differential input.
Environmental Specifications
Temperature
Operating Range
+0C to +70C (Without air flow)
Storage Range
-40C to +85C
Relative Humidity
5% to 95%
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com