Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAB9082H Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SAB9082H
Description  NTSC Picture-In-Picture PIP controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAB9082H Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SAB9082H Datasheet HTML 9Page - NXP Semiconductors SAB9082H Datasheet HTML 10Page - NXP Semiconductors SAB9082H Datasheet HTML 11Page - NXP Semiconductors SAB9082H Datasheet HTML 12Page - NXP Semiconductors SAB9082H Datasheet HTML 13Page - NXP Semiconductors SAB9082H Datasheet HTML 14Page - NXP Semiconductors SAB9082H Datasheet HTML 15Page - NXP Semiconductors SAB9082H Datasheet HTML 16Page - NXP Semiconductors SAB9082H Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
1999 Nov 12
13
Philips Semiconductors
Preliminary specification
NTSC Picture-In-Picture (PIP) controller
SAB9082
Acquisition channel ADCs and clamping
The analog input signals are converted to digital signals by
three ADCs per channel. The resolution of the ADCs is
8 bits (DNL is 7 bits and INL is 6 bits) and the sampling is
performed at the system clock frequency of 28 MHz for the
Y input. A bias voltage (Vbias) is used to decouple the AC
components on internal references.
The inputs should be AC coupled and an internal clamp
circuit (using external clamp capacitors) will clamp the
input to a level derived internally from Vref(B)(MA/SA) for the
luminance channels and, for the chrominance channels, to
(Vref(T)(MA/SA) +Vref(B)(MA/SA))/2 + LSB/2. The clamping
starts at the active edge of the burst key. Internal video
buffers amplify the standard Y, U and V input signals to
the correct ADC levels.
PLL
The PLL generates an internal system clock of
1792
× f
HSYNC, from the fHSYNC, which is approximately
28 MHz.
DACs and video buffers
The 28 MHz digital video signals are fed to the 8-bit DACs
that produce the required analog video signals. The video
buffers amplify these signals prior to being fed to the
output to drive another device.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
QUALITY SPECIFICATION
In accordance with
“SNW-FQ-611, Part E”, dated 14 December 1992.
ESD LEVELS
The standard ESD specification is JEDEC Class II (2 kV Human Body Model, 200 V Machine Model) unless indicated
otherwise.
Table 5
ESD performance
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage range
−0.5
5.0
V
Tstg
storage temperature
−25
+150
°C
Tamb
ambient temperature
0
70
°C
Vesd
electrostatic discharge handling
−
2kV
Rth(j-a)
thermal resistance
−
45
K/W
Pmax
maximum power dissipation
−
1.0
W
PIN
SYMBOL
HUMAN BODY MODEL (V)
MACHINE MODEL (V)
68
FBL
1000
standard specification
69
PKOFF
1000
70
DVSYNC
1000
72
SVSYNC
1000
73
SCL
1000
74
SDA
1000
rest in range 1 to 17
all other pins
standard specification
rest in range 64 to 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com