Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST25WF080B Datasheet(PDF) 9 Page - Microchip Technology

Part # SST25WF080B
Description  8-Mbit, 1.8V, SPI Serial Flash
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF080B Datasheet(HTML) 9 Page - Microchip Technology

Back Button SST25WF080B_V01 Datasheet HTML 5Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 6Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 7Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 8Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 9Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 10Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 11Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 12Page - Microchip Technology SST25WF080B_V01 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
 2013-2022 Microchip Technology Inc. and its subsidiaries
DS20005164H-page 9
SST25WF080B
5.0
INSTRUCTIONS
Instructions are used to read, write (Erase and Pro-
gram), and configure the SST25WF080B devices. The
instruction bus cycles are 8 bits each for commands
(Op Code), data, and addresses. The Write Enable
(WREN) instruction must be executed prior to Sector
Erase, Block Erase, Page Program, Write STATUS
Register or Chip Erase instructions. The complete
instructions are provided in Table 5-1. All instructions
are synchronized off a high-to-low transition of CE#.
Inputs will be accepted on the rising edge of SCK start-
ing with the most significant bit. CE# must be driven low
before an instruction is entered and must be driven
high after the last bit of the instruction has been shifted
in (except for Read, Read-ID, and Read STATUS Reg-
ister instructions). Any low-to-high transition on CE#,
before receiving the last bit of an instruction bus cycle,
will terminate the instruction in progress and return the
device to standby mode. Instruction commands (Op
Code), addresses, and data are all input from the most
significant bit (MSb) first.
TABLE 5-1:
DEVICE OPERATION INSTRUCTIONS
Instruction
Description
Op Code Cycle(1)
Address
Cycle(s)(2)
Dummy
Cycle(s)
Data
Cycle(s)
Maximum
Frequency
Read
Read Memory
0000 0011b (03H)
3
0
1 to
30 MHz
Note 1: One bus cycle is eight clock periods.
2: Address bits above the most significant bit of each density can be VIL or VIH.
3: One bus cycle is four clock periods in Dual Operation
4: 4-Kbyte Sector Erase addresses: use AMS-A12, remaining addresses are “don’t care” but must be set
either at VIL or VIH.
5: 64-Kbyte Block Erase addresses: use AMS-A16, remaining addresses are “don’t care” but must be set
either at VIL or VIH.
6: The Read STATUS Register is continuous with ongoing clock cycles until terminated by a low-to-high tran-
sition on CE#.
7: Device ID is read after three dummy address bytes. The Device ID output stream is continuous until ter-
minated by a low-to-high transition on CE#.
8: The instructions Release from Deep Power down and Read-ID are similar instructions (ABH). Executing
Read-ID requires the ABH instruction, followed by 24 dummy address bits to retrieve the Device ID.
Release from Deep Power-Down only requires the instruction ABH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com