Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST26VF032BA-104I/MF Datasheet(PDF) 35 Page - Microchip Technology

Part # SST26VF032BA-104I/MF
Description  2.5V/3.0V 32-Mbit Serial Quad I/O™ (SQI™) Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032BA-104I/MF Datasheet(HTML) 35 Page - Microchip Technology

Back Button SST26VF032BA-104I/MF Datasheet HTML 31Page - Microchip Technology SST26VF032BA-104I/MF Datasheet HTML 32Page - Microchip Technology SST26VF032BA-104I/MF Datasheet HTML 33Page - Microchip Technology SST26VF032BA-104I/MF Datasheet HTML 34Page - Microchip Technology SST26VF032BA-104I/MF Datasheet HTML 35Page - Microchip Technology SST26VF032BA-104I/MF Datasheet HTML 36Page - Microchip Technology SST26VF032BA-104I/MF Datasheet HTML 37Page - Microchip Technology SST26VF032BA-104I/MF Datasheet HTML 38Page - Microchip Technology SST26VF032BA-104I/MF Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 82 page
background image
 2013-2022 Microchip Technology Inc. and its subsidiaries
DS20005218K-page 35
SST26VF032B/SST26VF032BA
5.33
Read Block Protection Register
(RBPR)
The Read Block Protection Register instruction outputs
the Block Protection register data which determines the
protection status. To execute a Read Block Protection
Register operation, the host drives CE# low, and then
sends the Read Block Protection Register command
cycle (72H). A dummy cycle is required in SQI mode.
After the command cycle, the device outputs data on
the falling edge of the SCK signal starting with the most
significant bit(s), see Table 5-6 for definitions of each bit
in the Block Protection register. The RBPR command
does not wrap around. After all data has been output,
the device will output 0H until terminated by a low-to-
high transition on CE#. See Figure 5-36 and
Figure 5-37.
FIGURE 5-36:
READ BLOCK PROTECTION REGISTER SEQUENCE (SQI)
FIGURE 5-37:
READ BLOCK PROTECTION REGISTER SEQUENCE (SPI)
Note:
MSN = Most Significant Nibble, LSN = Least Significant Nibble
Block Protection Register (BPR), m = 79 for SST26VF032B/032BA, C[1:0]=72H
MODE 3
0
SCK
SIO[3:0]
CE#
C1 C0
2
H0 L0
MSN LSN
4
H1 L1
6
H2 L2
8
H3 L3
10
H4 L4
12
HN LN
BPR [m:m-7]
BPR [7:0]
XX
CE#
SIO0
SCK
012345678
32 33
24
MODE 3
MODE 0
15 16
23
72H
SIO
OP Code
Data Byte 0
Data Byte 1
Data Byte 2
Data Byte N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com