Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPSM82811PVCAR Datasheet(PDF) 10 Page - Texas Instruments

Part # TPSM82811PVCAR
Description  TPSM8281x 2.75V to 6V Input, 4A and 3A Step-Down Power Module With Integrated Inductor and Frequency Synchronization in QFN and MagPack™ Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM82811PVCAR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPSM82811PVCAR Datasheet HTML 6Page - Texas Instruments TPSM82811PVCAR Datasheet HTML 7Page - Texas Instruments TPSM82811PVCAR Datasheet HTML 8Page - Texas Instruments TPSM82811PVCAR Datasheet HTML 9Page - Texas Instruments TPSM82811PVCAR Datasheet HTML 10Page - Texas Instruments TPSM82811PVCAR Datasheet HTML 11Page - Texas Instruments TPSM82811PVCAR Datasheet HTML 12Page - Texas Instruments TPSM82811PVCAR Datasheet HTML 13Page - Texas Instruments TPSM82811PVCAR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
the use of an external RC network to achieve a precise power-up delay. See the Achieving a Clean Start-up by
Using a DC/DC Converter with a Precise Enable-pin Threshold analog design journal for more details.
8.3.2 Output Discharge
The purpose of the discharge function is to ensure a defined down-ramp of the output voltage when the device
is disabled and keep the output voltage close to 0V when the device is off. The output discharge feature is
only active once the TPSM8281x has been enabled at least once since the supply voltage was applied. The
discharge function is enabled as soon as the device is disabled, in thermal shutdown, or in undervoltage lockout.
The minimum supply voltage required for the discharge function to remain active is typically 1V.
8.3.3 COMP/FSET
This pin sets two different parameters independently:
• Internal compensation settings for the control loop (three settings available)
• The switching frequency in PWM mode from 1.8MHz to 4MHz
A resistor from COMP/FSET to GND changes the compensation as well as the switching frequency. The change
in compensation adapts the device to different values of output capacitance. The resistor must be placed close
to the pin to keep the parasitic capacitance on the pin to a minimum. The compensation setting is set after
enabling the converter, so a change in the resistor during operation only has an effect on the switching frequency
but not on the compensation.
To save external components, the pin can also be directly tied to VIN or GND to set a pre-defined switching
frequency and compensation. Do not leave the pin floating.
The switching frequency must be selected based on the maximum input voltage and the output voltage to meet
the specifications for the minimum on-time. Using VIN = 5.5V and VOUT = 1.1V as an example, the minimum duty
cycle given with Equation 1 is 0.2, which results in a maximum switching frequency of 2.67MHz according to
Equation 2.
OUT
min
IN, max
V
D
V
(1)
s, max
on, min
min
1
f
t
D
u
(2)
The compensation range has to be chosen based on the minimum effective capacitance used. The capacitance
can be increased from the minimum value as given in Table 8-1 up to the maximum of 470µF in all of the
three compensation ranges. If the capacitance of an output changes during operation, for example, when load
switches are used to connect or disconnect parts of the circuitry, the compensation has to be chosen for the
minimum capacitance on the output. With large output capacitance, the compensation must be done based on
that large capacitance to get the best load transient response. Compensating for large output capacitance but
placing less capacitance on the output can lead to instability.
The switching frequency for the different compensation setting is determined by the following equations.
For compensation (comp) setting 1:
18
(
)
(
)
CF
S
MHz k
R
k
f MHz
× W
W =
(3)
For compensation (comp) setting 2:
TPSM82810, TPSM82813
SLUSDN6B – SEPTEMBER 2019 – REVISED JULY 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPSM82810 TPSM82813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com