Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC28L202 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SC28L202
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L202 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SC28L202 Datasheet HTML 3Page - NXP Semiconductors SC28L202 Datasheet HTML 4Page - NXP Semiconductors SC28L202 Datasheet HTML 5Page - NXP Semiconductors SC28L202 Datasheet HTML 6Page - NXP Semiconductors SC28L202 Datasheet HTML 7Page - NXP Semiconductors SC28L202 Datasheet HTML 8Page - NXP Semiconductors SC28L202 Datasheet HTML 9Page - NXP Semiconductors SC28L202 Datasheet HTML 10Page - NXP Semiconductors SC28L202 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 77 page
background image
Philips Semiconductors
Objective specification
SC28L202
Dual UART
1
2000 Feb 10
DESCRIPTION
The 28L202 is a high performance dual UART. Its functional and
programming features closely match but greatly extend those of
previous Philips dual channel UARTs. Its configuration on power up
is similar that of the SC26C92. Its differences from the SC26C92
are: 256–character receiver, 256 character transmit FIFOs, 3 and 5
volt compatibility, 8 I/O ports for each UART – 16 total, arbitrating
interrupt system and overall faster buss and data speeds. It is
fabricated in an advanced 0.5 micron CMOS process that allows
stand by current of less that 10 microamperes.
It is a member of the IMPACT® line of Data Communications parts
Pin or register programming will allow the device to operate with
either the Motorola or Intel bus interface by changing the function of
some pins (reset is inverted, DACKN, and IACKN enabled for
example).
The Philips Semiconductors 28L202 Dual Universal Asynchronous
Receiver/Transmitter (DUART) is a single–chip CMOS–LSI
communications device that provides two full–duplex asynchronous
receiver/transmitter channels in a single package. It interfaces
directly with microprocessors and may be used in a polled or
interrupt driven system. The use of the Interrupt system provides
intelligent interrupt vectors.
The operating mode and data format of each channel may be
programmed independently. Additionally, each receiver and
transmitter can select its operating speed as one of twenty–seven
fixed baud rates; a 16X clock derived from one of two programmable
counter/timers, or an external 1X or 16X clock. The baud rate
generator and counter/timer can operate directly from a crystal or
from external clock inputs. The ability to independently program the
operating speed of the receiver and transmitter make the DUART
particularly attractive for dual–speed channel applications such as
clustered terminal systems and bridges.
Each receiver and transmitter is buffered by 256 character FIFOs to
nearly eliminate the potential of receiver overrun, transmitter
underrun and to reduce interrupt overhead in interrupt driven
systems. In addition, a flow control capability (Xon/Xoff and
RTS/CTS) is provided to disable a remote transmitter when the
receiver buffer is full.
Also provided on the 28L202 is a multipurpose 8–bit I/O for each
channel. These can be used as general–purpose I/O ports or can be
assigned specific functions (such as clock inputs or status and
interrupt outputs) under program control. Normally they will be used
for modem control and DMA interface. All ports have change of state
detectors and input sections are always active making output
signals available to the internal circuits and the control processor.
The 28L202 are available in 52–pin plastic quad flat pack (PQFP),
or 56-pin TSSOP packages.
FEATURES
• Member of IMPACT family: 3.3 to 5.0 volt , –40°C to +85°C and
68K for 80xxx bus interface for all devices.
• Dual full–duplex independent asynchronous receiver/transmitters
• 256 character FIFOs for each receiver and transmitter
• Powers up to 9600 baud, 1 stop bit, no parity, 1 stop bit, interrupt
disabled, all I/O set to input.
• Pin programming to 68K or 80xxx bus interface
• Three character recognition system per channel, used as:
– General purpose character recognition
– Xon/Xoff character recognition
– Address recognition Wake up (multi–drop or “9 bit”) mode
– System provides 4 levels of automation on a recognition event
• Programmable data format
– 5 to 8 data bits plus parity and 9 bit mode
– Odd, even, no parity or force parity
– 9/16,1, 1.5 or 2 stop bits
• 16–bit programmable Counter/Timer
• Programmable baud rate for each receiver and transmitter
selectable from:
– 27 fixed rates: 50 to 2.0 Meg baud (includes MIDDI
® rate)
– Other baud rates via external clocks and C/T
– Programmable user–defined rates derived from a
programmable Counter/timer
– External 1X or 16X clock
• Parity, framing, and overrun error detection
• False start bit detection
• Line break detection and generation
• Programmable channel mode
– Normal (full–duplex)
– Automatic echo
– Local loop back
– Remote loop back
– Multi–drop mode (also called ‘wake–up’ or ‘9–bit’)
• Multi–function 8 bit I/O input port per channel loosely assigned to
each channel.
– Can serve as clock or control inputs
– Change of state detection on eight inputs
– Inputs have typically >100Mohm pull–up resistors
– Modem and DMA interface
• Versatile arbitrating interrupt system
– Interrupt system totally supports ‘single query’ polling
– Output port can be configured to provide a total of up to six
separate interrupt type outputs that may be wire ORed
(switched to open drain).
– Each FIFO can be independently programmed for any of 256
interrupt levels
– Watch dog timer for each receiver
• Maximum data transfer rates: 1X – 3 Mb/sec, 16X – 2 Mb/sec
• Automatic wake–up mode for multi–drop applications
• Start–end break interrupt/status
• Detects break which originates in the middle of a character
• On–chip crystal oscillator
• Power down mode at less than 10 µa
• Receiver time–out mode
• Single +3.3V or +5V power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com