Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLM2D-GPC-BPC Datasheet(PDF) 1 Page - Cree LED

Part # CLM2D-GPC-BPC
Description  CLM2D-GPC/BPC: PLCC4 Green & Blue SMD LEDs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CLM2D-GPC-BPC Datasheet(HTML) 1 Page - Cree LED

  CLM2D-GPC-BPC Datasheet HTML 1Page - Cree LED CLM2D-GPC-BPC Datasheet HTML 2Page - Cree LED CLM2D-GPC-BPC Datasheet HTML 3Page - Cree LED CLM2D-GPC-BPC Datasheet HTML 4Page - Cree LED CLM2D-GPC-BPC Datasheet HTML 5Page - Cree LED CLM2D-GPC-BPC Datasheet HTML 6Page - Cree LED CLM2D-GPC-BPC Datasheet HTML 7Page - Cree LED CLM2D-GPC-BPC Datasheet HTML 8Page - Cree LED CLM2D-GPC-BPC Datasheet HTML 9Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT FAMILY DATA SHEET
Cree LED / 4001 E. Hwy. 54, Suite 2000 / Durham, NC 27709 USA / +1.919.313.5330 / www.cree-led.com
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT1410
REV 6
1
CLM2D-GPC/BPC: PLCC4 Green & Blue SMD LEDs
PRODUCT DESCRIPTION
SMD LEDs is packaged in the industry
standard package. These LEDs have high
reliability performance and are designed to
work under a wide range of environmental
conditions. This high reliability feature
makes them ideally suited to be used in
architectural lighting application conditions
Cree LED has been certified in accordance
with ISO/IATF16949.
FEATURES
• Size (mm): 3.2 x 2.8
• Color and Typical Dominant
Wavelength:
Green (520-535nm)
Blue (465-475nm)
• Viewing angles:
CLM2D-GPC/BPC
30 degree minimum
• Moisture Sensitivity Level: 5a
• Lead - Free
• RoHS Compliant
• Untinted Diffused Lens
APPLICATIONS
• Channel Letter
• Architectural Lighting


Similar Part No. - CLM2D-GPC-BPC

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM2D-GPC-CA0E0793 CREE-CLM2D-GPC-CA0E0793 Datasheet
826Kb / 8P
PLCC4 1 in 1 SMD LED
CLM2D-GPC-CB0E0783 CREE-CLM2D-GPC-CB0E0783 Datasheet
826Kb / 8P
PLCC4 1 in 1 SMD LED
CLM2D-GPC-CB0E0793 CREE-CLM2D-GPC-CB0E0793 Datasheet
826Kb / 8P
PLCC4 1 in 1 SMD LED
More results

Similar Description - CLM2D-GPC-BPC

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZMDKBBA45W SUNLED-ZMDKBBA45W Datasheet
243Kb / 5P
3.5x2.8mm PLCC4 SMD LED
ZMDKVG45W SUNLED-ZMDKVG45W Datasheet
238Kb / 5P
3.5x2.8mm PLCC4 SMD LED
logo
Marktech Corporate
CLA2A MARKTECH-CLA2A Datasheet
720Kb / 10P
PLCC4 SMD LED
logo
OptoSupply Internationa...
OSW54LS3C1A OPTOSUPPLY-OSW54LS3C1A Datasheet
110Kb / 1P
High Luminous PLCC4 Power Top SMD LEDs
OSW543S3C1A OPTOSUPPLY-OSW543S3C1A Datasheet
115Kb / 2P
High Luminous PLCC4 Power Top SMD LEDs
logo
Marktech Corporate
CLA2A MARKTECH-CLA2A_15 Datasheet
720Kb / 10P
PLCC4 SMD LED
logo
Cree, Inc
CLA1BWKWMKW CREE-CLA1BWKWMKW Datasheet
723Kb / 14P
PLCC4 SMD LED
CLA2A-WKW CREE-CLA2A-WKW Datasheet
649Kb / 10P
PLCC4 SMD LED
logo
Bivar, Inc.
SMTL4-RGB BIVAR-SMTL4-RGB Datasheet
768Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-RGB, RED/GREEN/BLUE
Revision A 02/16
SMTL4-SRGB BIVAR-SMTL4-SRGB Datasheet
747Kb / 5P
PLCC4 SMD Top View Package LED SMTL4-SRGB, RED/GREEN/BLUE
Revision A 02/16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com