Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FGHL40T120SWD Datasheet(PDF) 2 Page - ON Semiconductor

Part # FGHL40T120SWD
Description  IGBT – Power, Co-PAK N-Channel, Field Stop VII (FS7), Non SCR, TO247-3L 1200 V, 1.7 V, 40 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FGHL40T120SWD Datasheet(HTML) 2 Page - ON Semiconductor

  FGHL40T120SWD Datasheet HTML 1Page - ON Semiconductor FGHL40T120SWD Datasheet HTML 2Page - ON Semiconductor FGHL40T120SWD Datasheet HTML 3Page - ON Semiconductor FGHL40T120SWD Datasheet HTML 4Page - ON Semiconductor FGHL40T120SWD Datasheet HTML 5Page - ON Semiconductor FGHL40T120SWD Datasheet HTML 6Page - ON Semiconductor FGHL40T120SWD Datasheet HTML 7Page - ON Semiconductor FGHL40T120SWD Datasheet HTML 8Page - ON Semiconductor FGHL40T120SWD Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
FGHL40T120SWD
www.onsemi.com
2
THERMAL CHARACTERISTICS
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction−to−Case for IGBT
RqJC
0.32
°C/W
Thermal Resistance, Junction−to−Case for Diode
RqJCD
0.57
Thermal Resistance, Junction−to−Ambient
RqJA
40
ELECTRICAL CHARACTERISTICS OF IGBT (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−to−Emitter Breakdown Voltage
BVCES
VGE = 0 V, IC = 5 mA
1200
V
Collector−to−Emitter Breakdown Voltage
Temperature Coefficient
DBVCES
DTJ
VGE = 0 V, IC = 5 mA
1226
mV/°C
Zero Gate Voltage Collector Current
ICES
VGE = 0 V, VCE = VCES
40
mA
Gate−to−Emitter Leakage Current
IGES
VGE = 20 V, VCE = 0 V
±400
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGE(th)
VGE = VCE, IC = 40 mA
5.6
6.55
7.4
V
Collector−to−Emitter Saturation Voltage
VCE(sat)
VGE = 15 V, IC = 40 A, TJ = 25°C
1.35
1.68
2.0
V
VGE = 15 V, IC = 40 A, TJ = 175°C
2.26
DYNAMIC CHARACTERISTICS
Input Capacitance
Cies
VCE = 30 V, VGE = 0 V, f = 1 MHz
3384
pF
Output Capacitance
Coes
139
Reverse Transfer Capacitance
Cres
16.2
Gate Charge Total
Qg
VCE = 600 V, VGE = 15 V,
IC = 40 A
118
nC
Gate−to−Emitter Charge
Qge
28.8
Gate−to−Collector Charge
Qgc
45.4
SWITCHING CHARACTERISTICS
Turn−on Delay Time
td(on)
VCE = 600 V, VGE = 0/15 V
IC = 20 A RG = 4.7 W TJ = 25°C
22.4
ns
Turn−off Delay Time
td(off)
160
Rise Time
tr
14.4
Fall Time
tf
78.4
Turn−on Switching Loss
Eon
1.1
mJ
Turn−off Switching Loss
Eoff
0.7
Total Switching Loss
Ets
1.8
Turn−on Delay Time
td(on)
VCE = 600 V, VGE = 0/15 V
IC = 40 A RG = 4.7 W TJ = 25°C
24.0
ns
Turn−off Delay Time
td(off)
118
Rise Time
tr
35.2
Fall Time
tf
67.4
Turn−on Switching Loss
Eon
2.4
mJ
Turn−off Switching Loss
Eoff
1.1
Total Switching Loss
Ets
3.5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com