Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TYN410RG Datasheet(PDF) 4 Page - STMicroelectronics

Part # TYN410RG
Description  10A SCR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN410RG Datasheet(HTML) 4 Page - STMicroelectronics

  TYN410RG Datasheet HTML 1Page - STMicroelectronics TYN410RG Datasheet HTML 2Page - STMicroelectronics TYN410RG Datasheet HTML 3Page - STMicroelectronics TYN410RG Datasheet HTML 4Page - STMicroelectronics TYN410RG Datasheet HTML 5Page - STMicroelectronics TYN410RG Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TYNx10 Series
4/6
Figure 9: Ordering Information Scheme
Table 6: Product Selector
TYN
4
10
RG
Standard SCR series
Packing mode
Voltage
Current
4 = 400V
10 = 10A
RG = Tube
Part Numbers
Voltage (xxx)
Sensitivity
Package
400 V
600 V
800V
TYN410RG
X
15 mA
TO-220AB
TYN610RG
X
TYN810RG
X



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com