Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA10021 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA10021
Description  DVB-C channel receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA10021 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA10021 Datasheet HTML 6Page - NXP Semiconductors TDA10021 Datasheet HTML 7Page - NXP Semiconductors TDA10021 Datasheet HTML 8Page - NXP Semiconductors TDA10021 Datasheet HTML 9Page - NXP Semiconductors TDA10021 Datasheet HTML 10Page - NXP Semiconductors TDA10021 Datasheet HTML 11Page - NXP Semiconductors TDA10021 Datasheet HTML 12Page - NXP Semiconductors TDA10021 Datasheet HTML 13Page - NXP Semiconductors TDA10021 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2001 Oct 01
10
Philips Semiconductors
Product specification
DVB-C channel receiver
TDA10021HT
handbook, halfpage
MGW347
R
23
XTAL
C2
XOUT
XIN
C1
TDA10021HT
Fig.3 Typical XTAL connection.
(1) Typical XTAL is at fundamental frequency (typically 4 Mhz).
(2) Values of passive components are dependant on XTAL manufacturer (typically R = 1 M
Ω, C1 = C2 = 56 pF).
handbook, halfpage
MGW348
R
9
11
C
to TUNER/IF
GND
AGCTUN/
AGCIF
TDA10021HT
Fig.4 External AGC connection.
R and C are chosen to verify
< fc <
with R = 1.5 k
Ω and C = 1 nF, f
c = 100 kHz.
SR
1024
-------------
XIN
16
----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com