Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST39VF320 Datasheet(PDF) 13 Page - Silicon Storage Technology, Inc

Part # SST39VF320
Description  32 Mbit (x16) Multi-Purpose Flash
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF320 Datasheet(HTML) 13 Page - Silicon Storage Technology, Inc

Back Button SST39VF320 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39VF320 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST39VF320 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST39VF320 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST39VF320 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST39VF320 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST39VF320 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST39VF320 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST39VF320 Datasheet HTML 17Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Preliminary Specifications
32 Mbit Multi-Purpose Flash
SST39VF320
13
©2003 Silicon Storage Technology, Inc.
S71143-02-000
11/03
FIGURE 7: TOGGLE BIT TIMING DIAGRAM
FIGURE 8: WE# CONTROLLED CHIP-ERASE TIMING DIAGRAM
1143 F07.1
ADDRESS A20-0
DQ6
WE#
OE#
CE#
TOE
TOEH
TCE
TOES
TWO READ CYCLES
WITH SAME OUTPUTS
1143 F08.2
ADDRESS A20-0
DQ15-0
WE#
SW0
SW1
SW2
SW3
SW4
SW5
5555
2AAA
2AAA
5555
5555
XX55
XX10
XX55
XXAA
XX80
XXAA
5555
OE#
CE#
SIX-BYTE CODE FOR CHIP-ERASE
TSCE
TWP
Note: This device also supports CE# controlled Chip-Erase operation. The WE# and CE# signals are
interchageable as long as minimum timings are met. (See Table 13)
X can be VIL or VIH, but no other value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com