Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST25VF010 Datasheet(PDF) 13 Page - Silicon Storage Technology, Inc

Part # SST25VF010
Description  1 Mbit SPI Serial Flash
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF010 Datasheet(HTML) 13 Page - Silicon Storage Technology, Inc

Back Button SST25VF010 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25VF010 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25VF010 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25VF010 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST25VF010 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST25VF010 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST25VF010 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST25VF010 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST25VF010 Datasheet HTML 17Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Data Sheet
1 Mbit SPI Serial Flash
SST25VF010
13
©2006 Silicon Storage Technology, Inc.
S71233-05-000
1/06
Write-Status-Register (WRSR)
The Write-Status-Register instruction works in conjunction
with the Enable-Write-Status-Register (EWSR) instruction
to write new values to the BP1, BP0, and BPL bits of the
status register. The Write-Status-Register instruction must
be executed immediately after the execution of the Enable-
Write-Status-Register instruction (very next instruction bus
cycle). This two-step instruction sequence of the EWSR
instruction followed by the WRSR instruction works like
SDP (software data protection) command structure which
prevents any accidental alteration of the status register val-
ues. The Write-Status-Register instruction will be ignored
when WP# is low and BPL bit is set to “1”. When the WP#
is low, the BPL bit can only be set from “0” to “1” to lock-
down the status register, but cannot be reset from “1” to “0”.
When WP# is high, the lock-down function of the BPL bit is
disabled and the BPL, BP0, and BP1 bits in the status reg-
ister can all be changed. As long as BPL bit is set to 0 or
WP# pin is driven high (VIH) prior to the low-to-high transi-
tion of the CE# pin at the end of the WRSR instruction, the
BP0, BP1, and BPL bit in the status register can all be
altered by the WRSR instruction. In this case, a single
WRSR instruction can set the BPL bit to “1” to lock down
the status register as well as altering the BP0 and BP1 bit
at the same time. See Table 3 for a summary description of
WP# and BPL functions. CE# must be driven low before
the command sequence of the WRSR instruction is
entered and driven high before the WRSR instruction is
executed. See Figure 13 for EWSR and WRSR instruction
sequences.
FIGURE 13: ENABLE-WRITE-STATUS-REGISTER (EWSR) AND WRITE-STATUS-REGISTER (WRSR) SEQUENCE
1233 F13.1
MODE 3
HIGH IMPEDANCE
MODE 0
STATUS
REGISTER IN
7 6 5 4321 0
MSB
MSB
MSB
01
MODE 3
SCK
SI
SO
CE#
MODE 0
50
0 1 2 3 4 5 6 7
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com