Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WSI10040L-R78M Datasheet(PDF) 15 Page - AiT Semiconductor Inc.

Part # WSI10040L-R78M
Description  WIRE WOUND SMD INDUCTOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

WSI10040L-R78M Datasheet(HTML) 15 Page - AiT Semiconductor Inc.

Back Button WSI10040L-R78M Datasheet HTML 9Page - AiT Semiconductor Inc. WSI10040L-R78M Datasheet HTML 10Page - AiT Semiconductor Inc. WSI10040L-R78M Datasheet HTML 11Page - AiT Semiconductor Inc. WSI10040L-R78M Datasheet HTML 12Page - AiT Semiconductor Inc. WSI10040L-R78M Datasheet HTML 13Page - AiT Semiconductor Inc. WSI10040L-R78M Datasheet HTML 14Page - AiT Semiconductor Inc. WSI10040L-R78M Datasheet HTML 15Page - AiT Semiconductor Inc. WSI10040L-R78M Datasheet HTML 16Page - AiT Semiconductor Inc. WSI10040L-R78M Datasheet HTML 17Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
AiT Semiconductor Inc.
WSI
www.ait-ic.com
WIRE WOUND SMD INDUCTOR
REV1.1
- 15 -
●REEL DIMENSION: mm
SIZE / mm
REEL SIZE
A
B
C
D
QTY/REEL
04012
13" x 12 mm
330
100
13
12.5
2000 PCS
04012M
7" x 12 mm
178
60
13
12.5
3000 PCS
04015
13" x 12 mm
330
100
13
12.5
2000 PCS
04020
13" x 12 mm
330
100
13
12.5
2000 PCS
05030
13" x 16 mm
330
100
13
16.5
1500 PCS
06018E
13" x 16 mm
330
100
13
16.5
2000 PCS
06018W
13" x 16 mm
330
100
13
16.5
3000 PCS
06024
13" x 16 mm
330
100
13
16.5
1500 PCS
06030
13" x 16 mm
330
100
13
16.5
1000 PCS
06040
13" x 16 mm
330
100
13
16.5
1000 PCS
10040
13" x 24 mm
330
100
13
24.5
800 PCS
10050
13" x 24 mm
330
100
13
24.5
700 PCS
12050
13" x 24 mm
330
100
13
24.5
500 PCS
12065
13" x 24 mm
330
100
13
24.5
400 PCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com