Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMP38K03HPC Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EMP38K03HPC
Description  Dual N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMP38K03HPC Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EMP38K03HPC Datasheet HTML 1Page - Excelliance MOS Corp. EMP38K03HPC Datasheet HTML 2Page - Excelliance MOS Corp. EMP38K03HPC Datasheet HTML 3Page - Excelliance MOS Corp. EMP38K03HPC Datasheet HTML 4Page - Excelliance MOS Corp. EMP38K03HPC Datasheet HTML 5Page - Excelliance MOS Corp. EMP38K03HPC Datasheet HTML 6Page - Excelliance MOS Corp. EMP38K03HPC Datasheet HTML 7Page - Excelliance MOS Corp. EMP38K03HPC Datasheet HTML 8Page - Excelliance MOS Corp. EMP38K03HPC Datasheet HTML 9Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
EMP38K03HPC
2021/4/23
P.4
A.1
Fig.7 Gate Charge Characteristics
Fig.8 Typical Capacitance
Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Single Pulse Maximum Power Dissipation
Fig 11. Effective Transient Thermal Impedance
0.001
0.01
0.1
1
10
100
1000
0.1
1
10
100
-VDS , Drain-to-Source Voltage (V)
40
80
120
160
200
240
280
0.0001
0.001
0.01
0.1
1
10
T1 TIME(SEC)
10
100
1000
10000
0
5
10
15
20
25
30
VDS , Drain-to-Source Voltage (V)
0
2
4
6
8
10
0
5
10
15
20
QG , Total Gate Charge (nC)
ID=20A
VDS=10V
Crss
Coss
Ciss
f=1MHz
VGS=0V
VGS=10V
Single Pulse
RθJC=6.0℃/W
TC=25℃
DC
100us
1ms
Single Pulse
RθJC=6.0℃/W
TC=25℃



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com