Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST55LD019M Datasheet(PDF) 39 Page - Silicon Storage Technology, Inc

Part # SST55LD019M
Description  ATA Flash Disk Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST55LD019M Datasheet(HTML) 39 Page - Silicon Storage Technology, Inc

Back Button SST55LD019M Datasheet HTML 35Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 36Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 37Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 38Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 39Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 40Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 41Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 42Page - Silicon Storage Technology, Inc SST55LD019M Datasheet HTML 43Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
Advance Information
ATA Flash Disk Controller
SST55LD019M
©2005 Silicon Storage Technology, Inc.
S71312-01-000
12/06
39
Features 01H and 81H are used to enable and clear 8-bit data transfer mode. If the 01H feature
command is issued all data transfers will occur on the low order D7-D0 data bus and the IOCS16#
signal will not be asserted for data register accesses.
Features 02H and 82H allow the host to enable or disable write cache in the ATA Flash Disk Controllers
that implement write cache. When the subcommand Disable-Write-Cache is issued, the ATA Flash Disk
Controller should initiate the sequence to flush cache to non-volatile memory before command
completion.
Feature 03H allows the host to select the transfer mode by specifying a value in the Sector Count
register. The upper 5 bits define the type of transfer and the low order 3 bits encode the mode value.
One PIO mode is selected at all times. The host may change the selected modes by the Set-Features
command.
Features 66H and CCH can be used to enable and disable whether the Power-on Reset (POR) Defaults
will be set when a software reset occurs.
10.2.1.18 Set-Multiple-Mode - C6H
This command enables the ATA Flash Disk Controller to perform Read and Write-Multiple operations
and establishes the block count for these commands. The Sector Count register is loaded with the
number of sectors per block. Upon receipt of the command, the ATA Flash Disk Controller sets BSY to 1
and checks the Sector Count register.
If the Sector Count register contains a valid value (see Section 10.2.1.5.12 for details) and the block
count is supported, the value is loaded for all subsequent Read-Multiple and Write-Multiple commands
and execution of those commands is enabled. If a block count is not supported, an Aborted Command
error is posted, and Read-Multiple and Write-Multiple commands are disabled. If the Sector Count
register contains 0 when the command is issued, Read and Write-Multiple commands are disabled. At
power on, or after a hardware or (unless disabled by a Set Feature command) software reset, the
default mode is Read and Write-Multiple disabled.
TABLE10-6:Transfer Mode Values
Mode
Bits [7:3]
Bits [2:0]
PIO default mode
00000b
000b
PIO default mode, disable IORDY
00000b
001b
PIO flow control transfer mode
00001b
mode1
1. Mode = transfer mode number, all other values are not valid
Multi-word DMA mode
00100b
mode1
Reserved
Other
N/A
T10-6.0 1312
Bit ->
76543210
Command (7)
C6H
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
Sector Count
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com