Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST55LC100M Datasheet(PDF) 13 Page - Silicon Storage Technology, Inc

Part # SST55LC100M
Description  CompactFlash Card Controller
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST55LC100M Datasheet(HTML) 13 Page - Silicon Storage Technology, Inc

Back Button SST55LC100M Datasheet HTML 9Page - Silicon Storage Technology, Inc SST55LC100M Datasheet HTML 10Page - Silicon Storage Technology, Inc SST55LC100M Datasheet HTML 11Page - Silicon Storage Technology, Inc SST55LC100M Datasheet HTML 12Page - Silicon Storage Technology, Inc SST55LC100M Datasheet HTML 13Page - Silicon Storage Technology, Inc SST55LC100M Datasheet HTML 14Page - Silicon Storage Technology, Inc SST55LC100M Datasheet HTML 15Page - Silicon Storage Technology, Inc SST55LC100M Datasheet HTML 16Page - Silicon Storage Technology, Inc SST55LC100M Datasheet HTML 17Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
Advance Information
CompactFlash Card Controller
SST55LC100M
©2006 Silicon Storage Technology, Inc.
S71316-00-000
3/06
13
Flash Media Interface
FWP#
97
B4
O
O5
Active Low Flash Media Chip Write Protect
Connect this pin to the NAND flash media Write Protect pin
FRE#
84
B7
O
O5
Active Low Flash Media Chip Read
FWE#
96
A4
O
O5
Active Low Flash Media Chip Write
FCLE
92
C6
O
O5
Active High Flash Media Chip Command Latch Enable
FALE
94
B5
O
O5
Active High Flash Media Chip Address Latch Enable
FAD15
46
K8
I/O
I3U/O5
Flash Media Chip High Byte Address/Data Bus pins
FAD14
44
K7
FAD13
42
H6
FAD12
40
J5
FAD11
35
H5
FAD10
33
K3
FAD9
31
J3
FAD8
29
J2
FAD7
45
J7
I/O
I3U/O5
Flash Media Chip Low Byte Address/Data Bus pins
FAD6
43
J6
FAD5
41
K6
FAD4
39
K5
FAD3
34
J4
FAD2
32
H4
FAD1
30
K2
FAD0
28
H3
FCE6#
91
B6
O
O4
Active Low Flash Media Chip Enable pin
FCE5#
95
C5
FCE4#
93
A5
FCE3#
89
A6
FCE2#
88
C7
FCE1#
80
B8
FCE0#
86
A7
FCE7#/INTCLKEN
26
J1
I/O
I3D/O4
Active Low Flash Media Chip Enable pin
This pin is sensed during the Power-on Reset (POR) to select
an Internal Clock mode. If this pin is pulled up during the
Power-on Reset then the Internal Clock is selected.
Serial Communication Interface (SCI)
SCICLK
77
C9
I
I3U
SCI interface clock
SCIDIN
78
C8
I
I3U
SCI interface data input
SCIDOUT
79
A9
O
O4
SCI interface data output
TABLE
3-1:Pin Assignments (Continued) (5 of 6)
Signal Name
100-lead 84-ball
Pin
Type
I/O
Type1
Name and Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com