Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WSI12065E-R40M Datasheet(PDF) 6 Page - AiT Semiconductor Inc.

Part # WSI12065E-R40M
Description  WIRE WOUND SMD INDUCTOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

WSI12065E-R40M Datasheet(HTML) 6 Page - AiT Semiconductor Inc.

Back Button WSI12065E-R40M Datasheet HTML 2Page - AiT Semiconductor Inc. WSI12065E-R40M Datasheet HTML 3Page - AiT Semiconductor Inc. WSI12065E-R40M Datasheet HTML 4Page - AiT Semiconductor Inc. WSI12065E-R40M Datasheet HTML 5Page - AiT Semiconductor Inc. WSI12065E-R40M Datasheet HTML 6Page - AiT Semiconductor Inc. WSI12065E-R40M Datasheet HTML 7Page - AiT Semiconductor Inc. WSI12065E-R40M Datasheet HTML 8Page - AiT Semiconductor Inc. WSI12065E-R40M Datasheet HTML 9Page - AiT Semiconductor Inc. WSI12065E-R40M Datasheet HTML 10Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AiT Semiconductor Inc.
WSI
www.ait-ic.com
WIRE WOUND SMD INDUCTOR
REV1.1
- 6 -
Part Number
Inductance (uH)
DCR
(mΩ) Typ.
DCR
(mΩ)Max.
Isat (A)
Max.
Irms (A)
Max.
WSI06024E-R10M
0.10
1.50
1.70
50.00
30.00
WSI06024E-R22M
0.22
2.90
3.20
34.00
21.00
WSI06024E-R33M
0.33
3.70
4.10
22.00
18.00
WSI06024E-R47M
0.47
6.00
6.50
21.00
13.50
WSI06024E-R68M
0.68
8.70
9.40
18.00
11.00
WSI06024E-R82M
0.82
10.60
11.80
17.00
10.00
WSI06024E-1R0M
1.00
13.00
14.20
16.00
9.00
WSI06024E-1R5M
1.50
18.50
21.20
15.00
7.50
WSI06024E-2R2M
2.20
28.00
34.00
14.00
6.50
WSI06024E-3R3M
3.30
36.50
51.60
13.00
5.00
WSI06024E-4R7M
4.70
45.00
63.00
9.00
4.50
WSI06024E-5R6M
5.60
66.00
73.00
8.00
4.00
WSI06024E-6R8M
6.80
72.50
95.00
7.00
3.60
WSI06024E-8R2M
8.20
84.00
106.00
6.50
3.00
WSI06024E-100M
10.00
116.00
129.00
6.00
2.50
* Test Condition: @100KHz, 1.0Vrms, 25℃ Ambient
* M=Tolerance=±20%
* Irms: Rated Current Loading when temperature rise approximately 40℃.
* Isat: Saturated Current measured at the point of L drop approximately 20%
Part Number
Inductance (uH)
DCR
(mΩ) Typ.
DCR
(mΩ)Max.
Isat (A)
Max.
Irms (A)
Max.
WSI06030E-R10M
0.10
1.50
1.70
60.00
32.50
WSI06030E-R15M
0.15
1.90
2.50
52.00
26.00
WSI06030E-R20M
0.20
2.40
3.00
41.00
24.00
WSI06030E-R22M
0.22
2.50
2.80
40.00
23.00
WSI06030E-R33M
0.33
3.50
3.90
30.00
20.00
WSI06030E-R47M
0.47
4.00
4.20
26.00
17.50
WSI06030E-R56M
0.56
5.00
5.50
25.00
15.50
WSI06030E-R68M
0.68
5.00
5.50
25.00
15.50
WSI06030E-R82M
0.82
6.70
8.00
24.00
13.00
WSI06030E-1R0M
1.00
9.00
10.00
22.00
11.00
WSI06030E-1R5M
1.50
14.00
15.00
18.00
9.00
WSI06030E-2R2M
2.20
18.00
20.00
14.00
8.00
WSI06030E-3R3M
3.30
28.00
30.00
13.50
6.00
WSI06030E-4R7M
4.70
37.00
40.00
10.00
5.50
WSI06030E-6R8M
6.80
54.00
60.00
8.00
4.50
WSI06030E-8R2M
8.20
64.00
68.00
7.50
4.00
WSI06030E-100M
10.00
102.00
105.00
7.00
3.00
* Test Condition: @100KHz, 1.0Vrms, 25℃ Ambient
* M=Tolerance=±20%
* Irms: Rated Current Loading when temperature rise approximately 40℃.
* Isat: Saturated Current measured at the point of L drop approximately 20%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com