Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST12LP07-QVCE Datasheet(PDF) 12 Page - Silicon Storage Technology, Inc

Part # SST12LP07-QVCE
Description  2.4 GHz High-Power, High-Gain Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LP07-QVCE Datasheet(HTML) 12 Page - Silicon Storage Technology, Inc

Back Button SST12LP07-QVCE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST12LP07-QVCE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST12LP07-QVCE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST12LP07-QVCE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST12LP07-QVCE Datasheet HTML 10Page - Silicon Storage Technology, Inc SST12LP07-QVCE Datasheet HTML 11Page - Silicon Storage Technology, Inc SST12LP07-QVCE Datasheet HTML 12Page - Silicon Storage Technology, Inc SST12LP07-QVCE Datasheet HTML 13Page - Silicon Storage Technology, Inc SST12LP07-QVCE Datasheet HTML 14Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Preliminary Specifications
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP07
©2006 Silicon Storage Technology, Inc.
S71321-00-000
5/06
12
PRODUCT ORDERING INFORMATION
Valid combinations for SST12LP07
SST12LP07-QVCE
SST12LP07 Evaluation Kits
SST12LP07-QVCE-K
Note: Valid combinations are those products in mass production or will be in mass production. Consult your SST sales
representative to confirm availability of valid combinations and to determine availability of new combinations.
SST12LP
07
- QVC
E
SSTXXLP
XX
-XXX
X
Environmental Attribute
E1 = non-Pb contact (lead) finish
Package Modifier
C = 16 contact
Package Type
QV = VQFN
Product Family Identifier
Product Type
P = Power Amplifier
Voltage
L = 3.0-3.6V
Frequency of Operation
2 = 2.4 GHz
Product Line
1 = SST Communications
1. Environmental suffix “E” denotes non-Pb solder.
SST non-Pb solder devices are “RoHS Compliant”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com