Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST25VF032B Datasheet(PDF) 5 Page - Silicon Storage Technology, Inc

Part # SST25VF032B
Description  32 Mbit SPI Serial Flash
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF032B Datasheet(HTML) 5 Page - Silicon Storage Technology, Inc

  SST25VF032B Datasheet HTML 1Page - Silicon Storage Technology, Inc SST25VF032B Datasheet HTML 2Page - Silicon Storage Technology, Inc SST25VF032B Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25VF032B Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25VF032B Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25VF032B Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF032B Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF032B Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF032B Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Advance Information
32 Mbit SPI Serial Flash
SST25VF032B
5
©2006 Silicon Storage Technology, Inc.
S71327-00-000
10/06
MEMORY ORGANIZATION
The SST25VF032B SuperFlash memory array is orga-
nized in uniform 4 KByte erasable sectors with 32 KByte
overlay blocks and 64 KByte overlay erasable blocks.
DEVICE OPERATION
The SST25VF032B is accessed through the SPI (Serial
Peripheral Interface) bus compatible protocol. The SPI bus
consist of four control lines; Chip Enable (CE#) is used to
select the device, and data is accessed through the Serial
Data Input (SI), Serial Data Output (SO), and Serial Clock
(SCK).
The SST25VF032B supports both Mode 0 (0,0) and Mode
3 (1,1) of SPI bus operations. The difference between the
two modes, as shown in Figure 4, is the state of the SCK
signal when the bus master is in Stand-by mode and no
data is being transferred. The SCK signal is low for Mode 0
and SCK signal is high for Mode 3. For both modes, the
Serial Data In (SI) is sampled at the rising edge of the SCK
clock signal and the Serial Data Output (SO) is driven after
the falling edge of the SCK clock signal.
FIGURE 4: SPI Protocol
1327 F04.0
MODE 3
SCK
SI
SO
CE#
MODE 3
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
MODE 0
MODE 0
HIGH IMPEDANCE
MSB
MSB
DON'T CARE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com