Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1142HVCG Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1142HVCG
Description  Dual High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1142HVCG Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1142HVCG Datasheet HTML 9Page - Linear Technology LTC1142HVCG Datasheet HTML 10Page - Linear Technology LTC1142HVCG Datasheet HTML 11Page - Linear Technology LTC1142HVCG Datasheet HTML 12Page - Linear Technology LTC1142HVCG Datasheet HTML 13Page - Linear Technology LTC1142HVCG Datasheet HTML 14Page - Linear Technology LTC1142HVCG Datasheet HTML 15Page - Linear Technology LTC1142HVCG Datasheet HTML 16Page - Linear Technology LTC1142HVCG Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LTC1142/LTC1142L/LTC1142HV
current. When a load step occurs, VOUT shifts by an
amount equal to
∆ILOAD •ESR,whereESRistheeffective
series resistance of COUT. ∆ILOAD also begins to charge
or discharge COUT until the regulator loop adapts to the
current change and returns VOUT to its steady- state
value. During this recovery time VOUT can be monitored
for overshoot or ringing which would indicate a stability
problem. The Pin 27 (13) external components shown in
the Figure 1 circuit will prove adequate compensation for
most applications.
A second, more severe transient is caused by switching in
loads with large (>1
µF) supply bypass capacitors. The
discharged bypass capacitors are effectively put in parallel
with COUT, causing a rapid drop in VOUT. No regulator can
deliver enough current to prevent this problem if the load
switch resistance is low and it is driven quickly. The only
solution is to limit the rise time of the switch drive so that
the load rise time is limited to approximately 25 • CLOAD.
Thus a 10
µF capacitor would require a 250µs rise time,
limiting the charging current to about 200mA.
Efficiency Considerations
The percent efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would
produce the most improvement. Percent efficiency can be
expressed as:
%Efficiency = 100% – (L1 + L2 + L3 + ...)
where L1, L2, etc., are the individual losses as a percent-
age of input power. (For high efficiency circuits only small
errors are incurred by expressing losses as a percentage
of output power.)
Although all dissipative elements in the circuit produce
losses, three main sources usually account for most of the
losses in LTC1142 circuits:
1. LTC1142 DC bias current
2. MOSFET gate charge current
3. I
2R losses
1. The DC supply current is the current which flows into
VIN (pin 24 for the 3.3V section, Pin 10 for the 5V
section) less the gate charge current. For VIN = 10V the
LTC1142 DC supply current for each section is 160
µA
with no load, and increases proportionally with load up
to a constant 1.6mA after the LTC1142 has entered
continuous mode. Because the DC bias current is
drawn from VIN, the resulting loss increases with input
voltage. For VIN = 10V the DC bias losses are generally
less than 1% for load currents over 30mA. However, at
very low load currents the DC bias current accounts for
nearly all of the loss.
2. MOSFET gate charge current results from switching
the gate capacitance of the power MOSFETs. Each time
a MOSFET gate is switched from low to high to low
again, a packet of charge dQ moves from VIN to ground.
The resulting dQ/dt is a current out of VIN which is
typically much larger than the DC supply current. In
continuous mode, IGATE(CHG) = f (QN + QP). The typical
gate charge for a 0.1
Ω N-channel power MOSFET is
25nC, and for a P-channel about twice that value. This
results in IGATE(CHG) = 7.5mA in 100kHz continuous
operation, for a 2% to 3% typical mid-current loss with
VIN = 10V.
Note that the gate charge loss increases directly with
both input voltage and operating frequency. This is the
principal reason why the highest efficiency circuits
operate at moderate frequencies. Furthermore, it ar-
gues against using larger MOSFETs than necessary to
control I
2R losses, since overkill can cost efficiency as
well as money!
3. I
2R losses are easily predicted from the DC resistances
of the MOSFET, inductor, and current shunt. In continu-
ous mode the average output current flows through L
and RSENSE, but is “chopped” between the P-channel
and N-channel MOSFETs. If the two MOSFETs have
approximately the same RDS(ON), then the resistance of
one MOSFET can simply be summed with the resis-
tances of L and RSENSE to obtain I2R losses. For
example, if each RDS(ON) = 0.1Ω, RL = 0.15Ω, and
RSENSE = 0.05Ω, then the total resistance is 0.3Ω. This
results in losses ranging from 3% to 12% as the output
current increases from 0.5A to 2A. I2R losses cause the
efficiency to roll off at high output currents.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com