Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1147CS8-3.3 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1147CS8-3.3
Description  High Efficiency Step-Down Switching Regulator Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1147CS8-3.3 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1147CS8-3.3 Datasheet HTML 8Page - Linear Technology LTC1147CS8-3.3 Datasheet HTML 9Page - Linear Technology LTC1147CS8-3.3 Datasheet HTML 10Page - Linear Technology LTC1147CS8-3.3 Datasheet HTML 11Page - Linear Technology LTC1147CS8-3.3 Datasheet HTML 12Page - Linear Technology LTC1147CS8-3.3 Datasheet HTML 13Page - Linear Technology LTC1147CS8-3.3 Datasheet HTML 14Page - Linear Technology LTC1147CS8-3.3 Datasheet HTML 15Page - Linear Technology LTC1147CS8-3.3 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1147-3.3
LTC1147-5/LTC1147L
sn1147 1147fds
APPLICATIO S I FOR ATIO
Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC1147 series. These items are also illustrated graphi-
cally in the layout diagram of Figure 7. Check the following
in your layout:
1. Are the signal and power grounds segregated? The
LTC1147 ground (Pin 7) must return separately to a)
the power and b) signal grounds. The power ground
(a) returns to the source anode of the Schottky diode
and (–) plate of CIN, which should have lead lengths
as short as possible. The signal ground (b) connects
to the (–) plate of COUT.
2. Does the LTC1147 SENSE – (Pin 4) connect to a point
close to RSENSE and the (+) plate of COUT?
3. Are the SENSE – and SENSE + leads routed together with
minimum PC trace spacing? The 1000pF capacitor
between Pins 4 and 5 should be as close as possible to
the LTC1147.
4. Does the (+) plate of CIN connect to the source of the
P-channel MOSFET as closely as possible? This capaci-
tor provides the AC current to the P-channel MOSFET.
5. Is the input decoupling capacitor (0.1
µF/1µF) con-
nected closely between VIN (Pin 1) and ground (Pin 7)?
This capacitor carries the MOSFET driver peak currents.
6. On fixed output versions, is the SHDN (Pin 6) actively
pulled to ground during normal operation? The SHDN
pin is high impedance and must not be allowed to float.
For additional High Efficiency application circuits see Application Note 54.
Figure 7. LTC1147 Layout Diagram (See Board Layout Checklist)
1
2
3
4
8
7
6
5
VIN
CT
ITH
SENSE–
PDRIVE
SENSE+
LTC1147-3.3
LTC1147-5
(LTC1147L)
SHUTDOWN
1
µF
3300pF
1k
390pF
1000pF
+
CIN
P-CH
LRSENSE
+
COUT
+
–
VOUT
+
–
VIN
BOLD LINES INDICATE HIGH CURRENT PATHS
LTC1147 • F07
D1
100pF
R1
R2
OUTPUT DIVIDER
REQUIRED WITH
ADJUSTABLE
VERSION ONLY
SHDN
(VFB)
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com