Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1943/3F Datasheet(PDF) 1 Page - Alpha Wire

Part # 1943/3F
Description  14 (41/30) AWG BC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

1943/3F Datasheet(HTML) 1 Page - Alpha Wire

  1943/3F Datasheet HTML 1Page - Alpha Wire 1943/3F Datasheet HTML 2Page - Alpha Wire 1943/3F Datasheet HTML 3Page - Alpha Wire 1943/3F Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 1943/3F
Construction
Diameter ("in")
1) Component 1
3 x 1 COND
a) Conductor
14 (41/30) AWG BC
0.074
b) Insulation
0.032" Wall, Nom. PVC
0.138
(1) Color(s)
Cond Color Cond Color
Cond Color
1
BLUE 2
BROWN 3
GREEN/YELLOW
2) Cable Assembly
3 Components Cabled
a) Twists
3.7 Twists/ft. (min.)
3) Shield
Alum/Mylar Tape, 25% Overlap (min.)
a) Foil Direction
Foil Facing In
b) Drain Wire
14 (41/30) AWG TC
4) Jacket
0.032" Wall, Nom., PVC
0.372+/- 0.012
a) Color(s)
BLACK
b) Jacket Separator
Tissue Tape, 25% Overlap (min.)
c) Print
ALPHA WIRE-* P/N 1943/3F 3C 14 AWG (2.08mm2)
(UL) C(UL) TYPE SJT 105C 300V FT2 SHIELDED
CE ROHS
* = Factory Code
Note: Product may have c(UL) or CSA markings depending
upon plant of manufacture.
Applicable Specifications
1) UL
SJT
105°C / 300 VRMS
2) CSA International
C(UL) SJT
105°C / 300 VRMS
C(UL) FT2
3) CE
EU Low Voltage Directive 2014/35/EC


Similar Part No. - 1943/3F

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1943/3F ALPHAWIRE-1943/3F Datasheet
98Kb / 4P
Customer Specification
12/12/2022
More results

Similar Description - 1943/3F

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C21052101 GENERAL-C21052101 Datasheet
74Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 14, Conductor/Strands: 41/30
C21052102 GENERAL-C21052102 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 14, Conductor/Strands: 41/30
C21052103 GENERAL-C21052103 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 14, Conductor/Strands: 41/30
C21052104 GENERAL-C21052104 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 14, Conductor/Strands: 41/30
C21052105 GENERAL-C21052105 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 14, Conductor/Strands: 41/30
C21052106 GENERAL-C21052106 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 14, Conductor/Strands: 41/30
C21052110 GENERAL-C21052110 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 14, Conductor/Strands: 41/30
C7610A GENERAL-C7610A Datasheet
79Kb / 1P
1C 14 41/30 TC PVC HOOK-UP WIRE
E3052S GENERAL-E3052S Datasheet
57Kb / 1P
2C 14 AWG 19/.0147 BC PVC / PVC
logo
Belden Inc.
6100UE BELDEN-6100UE Datasheet
148Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, CL2P
04-28-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com