Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1951/3 Datasheet(PDF) 1 Page - Alpha Wire

Part # 1951/3
Description  18 (41/34) AWG BC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

1951/3 Datasheet(HTML) 1 Page - Alpha Wire

  1951/3 Datasheet HTML 1Page - Alpha Wire 1951/3 Datasheet HTML 2Page - Alpha Wire 1951/3 Datasheet HTML 3Page - Alpha Wire 1951/3 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 1951/3
Construction
Diameter ("in")
1) Component 1
3 x 1 COND
a) Conductor
18 (41/34) AWG BC
0.047
b) Insulation
0.017" Wall, Nom. EPDM Rubber
0.084
(1) Separator
Paper Tape, 10% Overlap (min.)
(2) Color(s)
Cond
Color
Cond
Color
Cond
Color
1
BLACK
2
WHITE
3
GREEN
2) Cable Assembly
3 Components Cabled
a) Twists
6.0 Twists/ft. (min.)
3) Jacket
0.034" Wall, Nom., Chlorinated Polyethylene (CPE)
0.255+/- 0.010
a) Color(s)
BLACK
b) Jacket Separator
Tissue Tape, 25% Overlap (min.)
c) Print
ALPHA WIRE-* P/N 1951/3 3C 18 AWG (0.825mm2)
(UL) C(UL) TYPE SV 90C 300V FT2
CE ROHS
* = Factory Code
Note: Product may have c(UL) or CSA markings depending
upon plant of manufacture.
Applicable Specifications
1) UL
SV
90°C / 300 VRMS
2) CSA International
C(UL) SV
90°C / 300 VRMS
3) CE
EU Low Voltage Directive 2014/35/EC
Environmental


Similar Part No. - 1951/3

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1951/3T ALPHAWIRE-1951/3T Datasheet
98Kb / 4P
Customer Specification
12/12/2022
1951/3T ALPHAWIRE-1951/3T Datasheet
408Kb / 4P
18 (41/34) AWG BC
More results

Similar Description - 1951/3

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C1804 GENERAL-C1804 Datasheet
60Kb / 1P
2C 16 AWG (65/34) OFHC BC PP, PVC COMMAND SERIES
C1802 GENERAL-C1802 Datasheet
60Kb / 1P
2C 14 AWG (105/34) OFHC BC PP, PVC
logo
Belden Inc.
6300UE BELDEN-6300UE Datasheet
265Kb / 2P
Security & Sound, 2 Conductor 18 AWG BC, CMP
4305ULW BELDEN-4305ULW Datasheet
151Kb / 2P
Security & Sound, 7 Conductor 18 AWG BC, LSZH, Cca
12-20-2022
5302UP BELDEN-5302UP Datasheet
181Kb / 2P
Audio Cable, 4 Conductor 18 AWG BC, CM
12-20-2022
5301UE BELDEN-5301UE Datasheet
176Kb / 2P
Security & Sound, 3 Conductor 18 AWG, BC, CMR
04-28-2023
8818WB BELDEN-8818WB Datasheet
147Kb / 2P
Speaker Cable, 2 Conductor 18 AWG BC, Unshielded, Waterblocked
04-14-2023
6301UE BELDEN-6301UE Datasheet
176Kb / 2P
Security & Sound, 3 Conductor 18 AWG BC, CMP
04-28-2023
5300FE BELDEN-5300FE Datasheet
149Kb / 2P
Security & Sound, 2 Conductor 18 AWG, BC, Shielded, CMR
04-13-2023
5301FE BELDEN-5301FE Datasheet
149Kb / 2P
Security & Sound, 3 Conductor 18 AWG, BC, Shielded, CMR
04-13-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com