Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZXMS6006DGQTA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXMS6006DGQTA
Description  60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE IntelliFET MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6006DGQTA Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXMS6006DGQTA Datasheet HTML 1Page - Diodes Incorporated ZXMS6006DGQTA Datasheet HTML 2Page - Diodes Incorporated ZXMS6006DGQTA Datasheet HTML 3Page - Diodes Incorporated ZXMS6006DGQTA Datasheet HTML 4Page - Diodes Incorporated ZXMS6006DGQTA Datasheet HTML 5Page - Diodes Incorporated ZXMS6006DGQTA Datasheet HTML 6Page - Diodes Incorporated ZXMS6006DGQTA Datasheet HTML 7Page - Diodes Incorporated ZXMS6006DGQTA Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXMS6006DGQ
Document number: DS37134 Rev. 6 - 2
2 of 8
www.diodes.com
July 2018
© Diodes Incorporated
ZXMS6006DGQ
Functional Block Diagram
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Continuous Drain-Source Voltage
VDS
60
V
Drain-Source Voltage for Short Circuit Protection
VDS(SC)
16
V
Continuous Input Voltage
VIN
-0.5 to +6.0
V
Continuous Input Current @-0.2V
≤ VIN ≤ 6V
Continuous Input Current @VIN < -0.2V or VIN > 6V
IIN
No limit
│IIN │≤2
mA
Pulsed Drain Current @VIN = 3.3V
IDM
11
A
Pulsed Drain Current @VIN = 5V
IDM
13
A
Continuous Source Current (Body Diode) (Note 6)
IS
2
A
Pulsed Source Current (Body Diode)
ISM
12
A
Unclamped Single Pulse Inductive Energy,
TJ = +25C, ID = 0.5A, VDD = 24V
EAS
490
mJ
Electrostatic Discharge (Human Body Model)
VESD
4000
V
Charged Device Model
VCDM
1000
V
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation at TA = +25C (Note 6)
Linear Derating Factor
PD
1.3
10.4
W
mW/
C
Power Dissipation at TA = +25C (Note 7)
Linear Derating Factor
PD
3.0
24
W
mW/
C
Thermal Resistance, Junction to Ambient (Note 6)
RθJA
96
C/W
Thermal Resistance, Junction to Ambient (Note 7)
RθJA
42
C/W
Thermal Resistance, Junction to Case (Note 8)
RθJC
12
C/W
Operating Temperature Range
TJ
-40 to +150
C
Storage Temperature Range
TSTG
-55 to +150
C
Notes:
6. For a device surface mounted on 15mm x 15mm single sided 1oz weight copper on 1.6mm FR-4 board, in still air conditions.
7. For a device surface mounted on 50mm x 50mm single sided 2oz weight copper on 1.6mm FR-4 board, in still air conditions.
8. Thermal resistance between junction and the mounting surfaces of drain and source pins.
dV/dt
Limitation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com