Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1222CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1222CS8
Description  500MHz, 3nV/?숰z, AV ??10 Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1222CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1222CS8 Datasheet HTML 2Page - Linear Technology LT1222CS8 Datasheet HTML 3Page - Linear Technology LT1222CS8 Datasheet HTML 4Page - Linear Technology LT1222CS8 Datasheet HTML 5Page - Linear Technology LT1222CS8 Datasheet HTML 6Page - Linear Technology LT1222CS8 Datasheet HTML 7Page - Linear Technology LT1222CS8 Datasheet HTML 8Page - Linear Technology LT1222CS8 Datasheet HTML 9Page - Linear Technology LT1222CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1222
1222fc
TYPICAL PERFORMANCE CHARACTERISTICS
Large Signal, AV = 10
Small Signal, AV = 10
RF = 909Ω
RG = 100
Ω
LT1222 • TPC19
LT1222 • TPC20
Large Signal, AV = 10,
CL = 10,000pF
LT1222 • TPC21
Small Signal, AV = – 10
LT1222 • TPC22
LT1222 • TPC23
LT1222 • TPC24
Large Signal, AV = – 10
Small Signal, AV = – 10,
CL = 1,000pF
RF = 909
Ω
RG = 100Ω
RF = 1k
RG = 100Ω (75)
RF = 1k
RG = 100
Ω (75)
VS = ±15V
VIN = 20mV
f = 5MHz
VS = ±15V
VIN = 20mV
f = 5MHz
VS = ±15V
VIN = 2V
f = 2MHz
VS = ±15V
VIN = 2V
f = 2MHz
APPLICATIONS INFORMATION
The LT1222 is stable in noise gains of 10 or greater and
may be inserted directly into HA2520/2/5, HA2541/2/4,
AD817, AD847, EL2020, EL2044 and LM6361 applica-
tions, provided that the nulling circuitry is removed and
the amplifier configuration has a high enough noise gain.
The suggested nulling circuit for the LT1222 is shown in
the following figure.
Layout and Passive Components
The LT1222 amplifier is easy to apply and tolerant of less
than ideal layouts. For maximum performance (for ex-
ample, fast settling time) use a ground plane, short lead
lengths and RF-quality bypass capacitors (0.01
μFto0.1μF).
For high drive current applications use low ESR bypass
capacitors (1
μF to 10μF tantalum). Sockets should be
avoided when maximum frequency performance is re-
quired. For more details see Design Note 50. Feedback
resistors greater than 5k are not recommended because a
pole is formed with the input capacitance which can cause
peaking or oscillations. Stray capacitance on Pin 5 should
be minimized. Bias current cancellation circuitry is em-
ployed on the inputs of the LT1222 so the input bias current
and input offset current have identical specifications. For
this reason, matching the impedance on the inputs to
reduce bias current errors is not necessary.
Offset Nulling
LT1222 • AI01
V+
V–
0.1
μF
0.1
μF
5k
3
2
4
7
6
8
1
LT1222
+
–
RF = 909Ω
RG = 100
Ω
VS =
±15V
VIN = 2V
f = 20kHz
RF = 1k
RG = 100Ω (75)
VS = ±15V
VIN = 15mV
f = 500kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com