Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74ACT7200L20DV Datasheet(PDF) 16 Page - Texas Instruments

Part # SN74ACT7200L20DV
Description  256 횞 9, 512 횞 9, 1024 횞 9 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7200L20DV Datasheet(HTML) 16 Page - Texas Instruments

Back Button SN74ACT7200L20DV Datasheet HTML 12Page - Texas Instruments SN74ACT7200L20DV Datasheet HTML 13Page - Texas Instruments SN74ACT7200L20DV Datasheet HTML 14Page - Texas Instruments SN74ACT7200L20DV Datasheet HTML 15Page - Texas Instruments SN74ACT7200L20DV Datasheet HTML 16Page - Texas Instruments SN74ACT7200L20DV Datasheet HTML 17Page - Texas Instruments SN74ACT7200L20DV Datasheet HTML 18Page - Texas Instruments SN74ACT7200L20DV Datasheet HTML 19Page - Texas Instruments SN74ACT7200L20DV Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
SN74ACT7200L, SN74ACT7201LA, SN74ACT7202LA
256
× 9, 512 × 9, 1024 × 9
ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SCAS221A – FEBRUARY 1993 – REVISED SEPTEMBER 1995
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
1.5 V
1.5 V
1.5 V
3 V
3 V
GND
GND
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Timing
Input
Data,
Enable
Input
1.5 V
1.5 V
3 V
3 V
GND
GND
High-Level
Input
Low-Level
Input
tw
1.5 V
1.5 V
VOLTAGE WAVEFORMS
PULSE DURATIONS
tpd
tpd
Input
1.5 V
1.5 V
1.5 V
1.5 V
3 V
GND
VOH
VOL
In-Phase
Output
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
From Output
Under Test
30 pF
(see Note A)
680
Ω
1100
Ω
5 V
LOAD CIRCUIT
VOL
VOH
tPLZ
≈ 3 V
tPHZ
1.5 V
1.5 V
3 V
GND
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
tPZL
1.5 V
≈ 0 V
1.5 V
tPZH
Output
Enable
Low-Level
Output
High-Level
Output
NOTE A: Includes probe and jig capacitance
Figure 13. Load Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com