Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLM4B-BKB-GKB Datasheet(PDF) 3 Page - Cree LED

Part # CLM4B-BKB-GKB
Description  REV 6
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CLM4B-BKB-GKB Datasheet(HTML) 3 Page - Cree LED

  CLM4B-BKB-GKB Datasheet HTML 1Page - Cree LED CLM4B-BKB-GKB Datasheet HTML 2Page - Cree LED CLM4B-BKB-GKB Datasheet HTML 3Page - Cree LED CLM4B-BKB-GKB Datasheet HTML 4Page - Cree LED CLM4B-BKB-GKB Datasheet HTML 5Page - Cree LED CLM4B-BKB-GKB Datasheet HTML 6Page - Cree LED CLM4B-BKB-GKB Datasheet HTML 7Page - Cree LED CLM4B-BKB-GKB Datasheet HTML 8Page - Cree LED CLM4B-BKB-GKB Datasheet HTML 9Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CLM4B-BKB/GKB: PLCC4 1 IN 1 SMD LED
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT1302
REV 6
3
INTENSITY BIN LIMIT
Blue (30 mA) - CLM4B-BKB
Green (30 mA) - CLM4B-GKB
Bin Code
Min.(mcd)
Max.(mcd)
Bin Code
Min.(mcd)
Max.(mcd)
Ua
450
560
Xb
2240
2800
Ub
560
710
Ya
2800
3550
Va
710
900
Yb
3550
4500
*
Tolerance of measurement of luminous intensity is ±10%
COLOR BIN LIMIT
Blue (30 mA) - CLM4B-BKB
Green (30 mA) - CLM4B-GKB
Bin Code
Min.(nm)
Max.(nm)
Bin Code
Min.(nm)
Max.(nm)
B3
460
465
G7
520
525
B23
462.5
467.5
G23
522.5
527.5
B4
465
470
G8
525
530
B45
467.5
472.5
G45
527.5
532.5
B5
470
475
G9
530
535
*
Tolerance of measurement of dominant wavelength is ±1 nm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com