Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2489IDEPBF Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2489IDEPBF
Description  16-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2489IDEPBF Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2489IDEPBF Datasheet HTML 16Page - Linear Technology LTC2489IDEPBF Datasheet HTML 17Page - Linear Technology LTC2489IDEPBF Datasheet HTML 18Page - Linear Technology LTC2489IDEPBF Datasheet HTML 19Page - Linear Technology LTC2489IDEPBF Datasheet HTML 20Page - Linear Technology LTC2489IDEPBF Datasheet HTML 21Page - Linear Technology LTC2489IDEPBF Datasheet HTML 22Page - Linear Technology LTC2489IDEPBF Datasheet HTML 23Page - Linear Technology LTC2489IDEPBF Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC2489
21
2489f
OUTPUT DATA RATE (READINGS/SEC)
0
10
12
16
18
10
50
70
14
40
90 100
20 30
60
80
TA = 85°C
TA = 25°C
VIN(CM) = VREF(CM)
VCC = VREF = 5V
FO = EXT CLOCK
RES = LOG 2 (VREF/INLMAX)
2489 F23
OUTPUT DATA RATE (READINGS/SEC)
0
10
12
16
18
10
50
70
14
40
90 100
20 30
60
80
VCC = 5V, VREF = 2.5V
VCC = VREF = 5V
VIN(CM) = VREF(CM)
VIN = 0V
REF– = GND
FO = EXT CLOCK
TA = 25°C
RES = LOG 2 (VREF/INLMAX)
2489 F26
Figure 19. Offset Error vs Output Data
Rate and Temperature
Figure 20. +FS Error vs Output Data
Rate and Temperature
Figure 21.–FS Error vs Output Data
Rate and Temperature
Figure 22. Resolution (NoiseRMS ≤ 1LSB)
vs Output Data Rate and Temperature
Figure 23. Resolution (INLMAX ≤ 1LSB)
vs Output Data Rate and Temperature
Figure 25. Resolution (NoiseRMS ≤ 1LSB)
vs Output Data Rate and Temperature
Figure 26. Resolution (INLMAX ≤ 1LSB)
vs Output Data Rate and Temperature
Figure 24. Offset Error vs Output
Data Rate and Temperature
APPLICATIONS INFORMATION
OUTPUT DATA RATE (READINGS/SEC)
–10
10
30
50
0
20
40
20
40
60
80
2489 F19
100
10
030
50
70
90
VIN(CM) = VREF(CM)
VCC = VREF = 5V
VIN = 0V
FO = EXT CLOCK
TA = 85°C
TA = 25°C
OUTPUT DATA RATE (READINGS/SEC)
0
0
500
1500
2000
2500
3500
10
50
70
2489 F20
1000
3000
40
90 100
20 30
60
80
VIN(CM) = VREF(CM)
VCC = VREF = 5V
FO = EXT CLOCK
TA = 85°C
TA = 25°C
OUTPUT DATA RATE (READINGS/SEC)
0
–3500
–3000
–2000
–1500
–1000
0
10
50
70
2489 F21
–2500
–500
40
90 100
20 30
60
80
VIN(CM) = VREF(CM)
VCC = VREF = 5V
FO = EXT CLOCK
TA = 85°C
TA = 25°C
OUTPUT DATA RATE (READINGS/SEC)
0
10
12
16
18
10
50
70
2489 F22
14
40
90 100
20 30
60
80
VIN(CM) = VREF(CM)
VCC = VREF = 5V
VIN = 0V
FO = EXT CLOCK
RES = LOG 2 (VREF/NOISERMS)
TA = 25°C, 85°C
OUTPUT DATA RATE (READINGS/SEC)
0
–10
–5
5
10
20
10
50
70
2489 F24
0
15
40
90 100
20 30
60
80
VCC = 5V, VREF = 2.5V
VCC = VREF = 5V
VIN(CM) = VREF(CM)
VIN = 0V
FO = EXT CLOCK
TA = 25°C
OUTPUT DATA RATE (READINGS/SEC)
0
10
12
16
18
10
50
70
2489 F25
14
40
90 100
20 30
60
80
VIN(CM) = VREF(CM)
VIN = 0V
FO = EXT CLOCK
TA = 25°C
RES = LOG 2 (VREF/NOISERMS)
VCC = 5V, VREF = 2.5V, 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com