Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISCFM8070 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISCFM8070
Description  SiC N-Channel MOSFET Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCFM8070 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISCFM8070 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCFM8070 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISCFM8070 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISCFM8070
eq GCMS010B120S1-E1
SiC N-Channel MOSFET Transistor
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0, ID= 2mA
1200
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS= 1200V, VGS= 0
-
-
200
uA
VDS= 1200V, VGS= 0;TJ=175℃
-
-
1.5
mA
IGSS
Gate-Body Leakage Current
VGS= 20V,VDS= 0
-
-
1.0
uA
VGS= -5V,VDS= 0
-
-
-1.0
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID= 40mA
2.0
-
4.0
V
RDS(on)
Drain-Source On-Resistance
VGS= 20V, ID= 100A
-
-
14
mΩ
VGS= 20V, ID= 50A
-
-
13
VSD
Diode Forward Voltage
ISD= 100A, VGS= -5V
-
-
1.7
V
ISD= 100A, VGS= -5V;TJ=175℃
-
2.25
-
THERMAL AND PACKGAE CHARACTERISTICS(TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
MOSFET Only
-
-
0.23
℃
/W
Schottky Diode Only
-
-
0.26
Md
Mounting Torque
M4-0.7 Screws
1.1
-
1.5
N.m
Mdt
Terminal Connection Torque
M4-0.7 Screws
-
1.1
1.3
W
Package Weight
-
35
-
g



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com