Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISG2105 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISG2105
Description  NPT IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISG2105 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISG2105 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISG2105 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISG2105
eq IRGP30B60KD
NPT IGBT
www.iscsemi.com
1
DESCRIPTION
· Low Diode VF
· 10µs Short Circuit Capability
· Ultrasoft Diode Reverse Recovery Characteristics
APPLICATIONS
· Low EMI
· Rugged Transient Performance
· Benchmark Efficiency for Motor Control
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector-Emitter Voltage
600
V
VGES
Gate-Emitter Voltage
±
30
V
IC
Collector Current-Continuous
@ TC=25℃
60
A
IC
Collector Current-Continuous
@ TC=100℃
30
A
ICM
Pulsed Collector Current
120
A
IF
Diode Forward Current @ TC=100℃
30
A
IFM
Diode Maximum Forward Current
120
A
PD
Power Dissipation @TC=25℃
304
W
PD
Power Dissipation @TC=100℃
122
W
Tj
Operating Junction Temperature
-55~150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
IGBT
0.41
℃
/W
Rth j-c
Thermal Resistance,Junction to Case
diode
1.32
℃
/W


Similar Part No. - ISG2105

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISG2100 ISC-ISG2100 Datasheet
264Kb / 3P
NPT Field-Stop IGBT
ISG2101 ISC-ISG2101 Datasheet
264Kb / 3P
NPT IGBT
ISG2102 ISC-ISG2102 Datasheet
295Kb / 2P
Very fast IGBT
ISG2103 ISC-ISG2103 Datasheet
305Kb / 2P
Trench gate Field-Stop IGBT
ISG2106 ISC-ISG2106 Datasheet
260Kb / 2P
Ultrafast IGBT
More results

Similar Description - ISG2105

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXEN60N120 IXYS-IXEN60N120 Datasheet
37Kb / 2P
NPT IGBT
logo
Sirectifier Semiconduct...
6SI25N12 SIRECTIFIER-6SI25N12 Datasheet
557Kb / 2P
NPT IGBT Modules
SDI300N12 SIRECTIFIER-SDI300N12 Datasheet
457Kb / 2P
NPT IGBT Modules
SDI200N12 SIRECTIFIER-SDI200N12 Datasheet
457Kb / 2P
NPT IGBT Modules
SDI100N12 SIRECTIFIER-SDI100N12 Datasheet
643Kb / 2P
NPT IGBT Modules
SID150N12 SIRECTIFIER-SID150N12 Datasheet
458Kb / 2P
NPT IGBT Modules
SID100N12 SIRECTIFIER-SID100N12 Datasheet
608Kb / 2P
NPT IGBT Modules
SII50N06 SIRECTIFIER-SII50N06 Datasheet
1Mb / 4P
NPT IGBT Modules
SII50N12 SIRECTIFIER-SII50N12 Datasheet
739Kb / 7P
NPT IGBT Modules
SII400N12 SIRECTIFIER-SII400N12 Datasheet
462Kb / 2P
NPT IGBT Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com