Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2607IDE Datasheet(PDF) 15 Page - Linear Technology

Part # LTC2607IDE
Description  16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2607IDE Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC2607IDE Datasheet HTML 11Page - Linear Technology LTC2607IDE Datasheet HTML 12Page - Linear Technology LTC2607IDE Datasheet HTML 13Page - Linear Technology LTC2607IDE Datasheet HTML 14Page - Linear Technology LTC2607IDE Datasheet HTML 15Page - Linear Technology LTC2607IDE Datasheet HTML 16Page - Linear Technology LTC2607IDE Datasheet HTML 17Page - Linear Technology LTC2607IDE Datasheet HTML 18Page - Linear Technology LTC2607IDE Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
LTC2607/LTC2617/LTC2627
26071727f
OPERATIO
Figure 3
ignored. The supply and reference currents are reduced
by approximately 50% for each DAC powered down; the
effective resistance at REF (Pin 9) rises accordingly,
becoming a high-impedance input (typically > 1G
Ω)
when both DACs are powered down.
Normal operation can be resumed by executing any com-
mand which includes a DAC update, as shown in Table 2
or performing an asychronous update (LDAC) as
described in the next section. The selected DAC is powered
up as its voltage output is updated. When a DAC in
powered-down state is powered up and updated, normal
settling is delayed. If one of the two DACs is in a powered-
down state prior to the update command, the power up
delay is 5
µs. If on the other hand, both DACs are powered
down, the main bias generation circuit has been automati-
cally shut down in addition to the DAC amplifiers and
reference input and so the power up delay time is
12
µs (for VCC = 5V) or 30µs (for VCC = 3V)
Asynchronous DAC Update Using LDAC
In addition to the update commands shown in Table 2, the
LDAC pin asynchronously updates the DAC registers with
the contents of the input registers. Asynchronous update
is disabled when the input word is being clocked into
the part.
Table 2
COMMAND*
C3
C2
C1
C0
0000
Write to Input Register
0001
Update (Power Up) DAC Register
0011
Write to and Update (Power Up)
0100
Power Down
1111
No Operation
ADDRESS*
A3
A2
A1
A0
0
0
0
0
DAC A
0
0
0
1
DAC B
1
1
1
1
All DACs
*Command and address codes not shown are reserved and should not be used.
Power-Down Mode
For power-constrained applications, the power-down mode
can be used to reduce the supply current whenever one or
both of the DAC outputs are not needed. When in power-
down, the buffer amplifiers, bias circuits and reference input
are disabled and draw essentially zero current. The DAC out-
puts are put into a high impedance state, and the output pins
are passively pulled to VREFLO through 90k resistors.
Input-register and DAC-register contents are not disturbed
during power-down.
Either or both DAC channels can be put into power-down
mode by using command 0100b in combination with the
appropriate DAC address. The 16-bit data word is
C3
1ST DATA BYTE
Input Word (LTC2607)
Write Word Protocol for LTC2607/LTC2617/LTC1627
C2
C1
C0
A3
A2
A1
A0
D13
D14
D15
S
WA
SLAVE ADDRESS
1ST DATA BYTE
D12 D11 D10 D9
D8
D7 D6
D5
D4
D3
D2
D1 D0
A
2ND DATA BYTE
A
3RD DATA BYTE
A
P
2607 F03
2ND DATA BYTE
INPUT WORD
3RD DATA BYTE
C3
1ST DATA BYTE
Input Word (LTC2617)
C2
C1
C0
A3
A2
A1
A0
D11
D12
D13
D10 D9
D8
D7
D6
D5 D4
D3
D2
D1
D0
X
X
2ND DATA BYTE
3RD DATA BYTE
C3
1ST DATA BYTE
Input Word (LTC2627)
C2
C1
C0
A3
A2
A1
A0
D9
D10
D11
D8
D7
D6
D5
D4
D3 D2
D1
D0
X
X
X
X
2ND DATA BYTE
3RD DATA BYTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com