Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD3552R Datasheet(PDF) 27 Page - Analog Devices

Part # AD3552R
Description  Single Channel, 12-/16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3552R Datasheet(HTML) 27 Page - Analog Devices

Back Button AD3552R Datasheet HTML 23Page - Analog Devices AD3552R Datasheet HTML 24Page - Analog Devices AD3552R Datasheet HTML 25Page - Analog Devices AD3552R Datasheet HTML 26Page - Analog Devices AD3552R Datasheet HTML 27Page - Analog Devices AD3552R Datasheet HTML 28Page - Analog Devices AD3552R Datasheet HTML 29Page - Analog Devices AD3552R Datasheet HTML 30Page - Analog Devices AD3552R Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
Data Sheet
AD3541R
THEORY OF OPERATION
analog.com
Rev. A | 27 of 59
Multibyte Registers
Some AD3541R registers consist of 2 or 3 bytes of data stored
in adjacent addresses and are referred to as multibyte registers.
Multibyte registers end with a 16B or 24B suffix when they are 2
bytes or 3 bytes, respectively.
When writing to a multibyte register of the AD3541R, all bytes must
be transferred in a single SPI transaction. For this reason, the
STRICT_REGISTER_ACCESS bit in the INTERFACE_ CONFIG_C
register is read only and set to 1. If an SPI write transaction to a
multibyte register is attempted on a per byte basis, the register con-
tents are not updated and the PARTIAL_REGISTER_ACCESS bit
in the INTERFACE_ STATUS_A register is set. A write transaction
to a multibyte register of the AD3541R takes effect after the 24th or
16th SCLK edge of the data phase, which shifts in the last bit of the
register data.
Figure 80. Multibyte Register Write with Ascending Addressing
Figure 81. Multibyte Register Read with Descending Addressing
The address of a multibyte register always depends on the
ADDR_DIRECTION bit in the INTERFACE_CONFIG_A register
(see the Address Direction section for more details). With descend-
ing addressing, the first byte accessed in the data phase must
be the most significant byte of the multibyte register, and each
subsequent byte corresponds to the data in the next lower address.
With ascending addressing, the first byte accessed in the data
phase must be the least significant byte of the multibyte register,
and each subsequent byte corresponds to the data in the next
higher address.
Multibyte registers can be read in a single SPI transaction or each
byte can be addressed separately. If an SPI read transaction to
a multibyte register is attempted on a per byte basis, the PARTI-
AL_REGISTER_ACCESS bit in the INTERFACE_ STATUS_A reg-
ister is set. For example, the VENDOR_ID register is 2 bytes long,
and the addresses of its least significant byte and most significant
byte are 0x0C and 0x0D, respectively. Figure 80 and Figure 81
show write and read transactions to a multibyte register (2 bytes)
for address ascending and descending mode, respectively. See the
Address Direction section for more information on selecting address
descending (auto-decrementing) or ascending (auto-incrementing).
Address Direction
The address direction option is used to control whether the register
address is set to automatically increment (address ascending) or
decrement (address descending) when transferring multiple bytes
of data in a single data phase (for example, when accessing
multibyte registers, as shown in Figure 80 and Figure 81, or when
accessing multiple registers with streaming mode, as shown in
Figure 83).
Address direction is selected with the ADDR_DIRECTION bit in
the INTERFACE_CONFIG_A register. If ADDR_DIRECTION is set
to 0, the address decrements after each byte is accessed. If
ADDR_DIRECTION is set to 1, the address increments after each
byte is accessed.
When accessing multibyte registers, use descending addresses to
shift in the most significant byte first.
Multibyte registers from Address 0x29 onwards can only be ac-
cessed in descending mode.
Single Instruction Mode
When the SINGLE_INSTRUCTION bit in the INTERFACE_CON-
FIG_B register is set to 1, streaming mode is disabled, and single
instruction mode is enabled. In single instruction mode, the data
phase only contains data for a single register, and each data phase
must be followed by a new instruction phase, even if CS remains
low. Single instruction mode allows the digital host to quickly read
from and write to registers with nonadjacent addresses in a single
SPI frame, whereas streaming mode only allows either reading or
writing to contiguous registers without pulsing CS high to initiate a
new instruction phase.
Figure 82 shows an example of an SPI transaction in single instruc-
tion mode with the following register accesses:
►
Sets the output range.
►
Enables the output stage.
►
Reads the CHIP_TYPE register.
Figure 82. Single Instruction Mode Register Access Example with Address Descending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com