Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4214-2CMS Datasheet(PDF) 32 Page - Linear Technology

Part # LTC4214-2CMS
Description  Negative Low Voltage Hot Swap Controllers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4214-2CMS Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC4214-2CMS Datasheet HTML 24Page - Linear Technology LTC4214-2CMS Datasheet HTML 25Page - Linear Technology LTC4214-2CMS Datasheet HTML 26Page - Linear Technology LTC4214-2CMS Datasheet HTML 27Page - Linear Technology LTC4214-2CMS Datasheet HTML 28Page - Linear Technology LTC4214-2CMS Datasheet HTML 29Page - Linear Technology LTC4214-2CMS Datasheet HTML 30Page - Linear Technology LTC4214-2CMS Datasheet HTML 31Page - Linear Technology LTC4214-2CMS Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTC4214-1/LTC4214-2
32
421412f
GATE
5V/DIV
SENSE
50mV/DIV
VOUT
10V/DIV
PWRGD
10V/DIV
4214 TA03
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2002
LT/TP 0204 1K PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1421
Two Channels, Hot Swap Controller
Operates from 3V to 12V and Supports –12V
LTC1642
Fault Protected Hot Swap Controller
3V to 16.5V, Overvoltage Protection up to 33V
LTC1644
PCI Hot Swap Controller
3.3V, 5V and
±12V; 1V Precharge; PCI Reset Logic
LTC4210
Hot Swap Controller in SOT-23
Active Current Limiting, 2.7V to 16.5V
LTC4211
Single Hot Swap with Multifunction Current Control
Operates from 2.5V to 16.5V
LT4220
Dual Hot Swap Controller for Positive/Negative Supplies
Operates from
±2.7V to ±16.5V
LTC4230
Triple Hot Swap Controller with Multifunction Current Control
Operates from 1.7V to 16.5V
TYPICAL APPLICATIO
Figure 19. – 12V/2A Hot Swap Controller
4214 F19
GND
OV
UV
VEE
VIN
SENSE
SS
TIMER
GATE
PWRGD
DRAIN
LTC4214-1
R1
121k
1%
RX
10
Ω
RIN
470
Ω
Z1
CX
100nF
R2
32.4k
1%
CT
47nF
CSS
22nF
CC
10nF
–12V
RS
0.025
Ω
Q1
IRF7413
VOUT
GND
CONTROLLER VEE
RC
10
Ω
R3
5.1k
1
8
9
10
3
2
7
6
4
5
C1
1nF
CIN
0.1
µF
CL
100
µF
GND
(SHORT PIN)
+
RD
475k
EN
*M0C207
Z1:SMAJ15A
*
Start-Up Behavior



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com