Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ES3D Datasheet(PDF) 2 Page - ON Semiconductor

Part # ES3D
Description  Fast Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ES3D Datasheet(HTML) 2 Page - ON Semiconductor

  ES3D Datasheet HTML 1Page - ON Semiconductor ES3D Datasheet HTML 2Page - ON Semiconductor ES3D Datasheet HTML 3Page - ON Semiconductor ES3D Datasheet HTML 4Page - ON Semiconductor ES3D Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ES3A − ES3J
www.onsemi.com
2
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
ES3A
ES3B
ES3C
ES3D
ES3J
VRRM
Maximum Repetitive Reverse Voltage
50
100
150
200
600
V
IF(AV)
Average Rectified Forward Current,
.375” Lead Length TA = 75°C
3.0
A
IFSM
Non−Repetitive Peak Forward Surge Current 8.3 ms Single
Half−Sine Wave
100
A
TSTG
Storage Temperature Range
−55 to +150
°C
TJ
Operating Junction Temperature
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
PD
Power Dissipation
1.66
W
RqJA
Thermal Resistance,
Junction to Ambient (Note 1)
Maximum Land Pattern: 16 x 16 mm
47
°C/W
Minimum Land Pattern: 2.6 x 3.2 mm
125
RqJL
Thermal Resistance,
Junction to Lead (Note 1)
Maximum Land Pattern: 16 x 16 mm
12
°C/W
Minimum Land Pattern: 2.6 x 3.2 mm
16
1. Device mounted on FR−4 PCB 0.013 mm.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Value
Unit
ES3A
ES3B
ES3C
ES3D
ES3J
VF
Maximum Forward Voltage
IF = 3.0 A
0.95
1.70
V
trr
Reverse Recovery Time
IF = 0.5 A,
IR = 1.0 A
IRR = 0.25 A
Typ.
20
35
ns
Max.
30
45
IR
Maximum Reverse Current
at Rated VR
TA = 25°C
10
mA
TA = 100°C
500
CT
Total Capacitance
VR = 4.0 V, f = 1.0 MHz
45
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com