Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APTC60AM35SCTG Datasheet(PDF) 7 Page - Microsemi Corporation

Part # APTC60AM35SCTG
Description  Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTC60AM35SCTG Datasheet(HTML) 7 Page - Microsemi Corporation

  APTC60AM35SCTG Datasheet HTML 1Page - Microsemi Corporation APTC60AM35SCTG Datasheet HTML 2Page - Microsemi Corporation APTC60AM35SCTG Datasheet HTML 3Page - Microsemi Corporation APTC60AM35SCTG Datasheet HTML 4Page - Microsemi Corporation APTC60AM35SCTG Datasheet HTML 5Page - Microsemi Corporation APTC60AM35SCTG Datasheet HTML 6Page - Microsemi Corporation APTC60AM35SCTG Datasheet HTML 7Page - Microsemi Corporation APTC60AM35SCTG Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
APTC60AM35SCTG
www.microsemi.com
7 – 8
TJ=25°C
TJ=150°C
1
10
100
1000
0.3
0.5
0.7
0.9
1.1
1.3
1.5
VSD, Source to Drain Voltage (V)
Source to Drain Diode Forward Voltage
Delay Times vs Current
td(on)
td(off)
0
50
100
150
200
250
300
350
0
20
40
60
80
100 120
ID, Drain Current (A)
VDS=400V
RG=2.5Ω
TJ=125°C
L=100µH
Rise and Fall times vs Current
tr
tf
0
20
40
60
80
100
120
0
20406080
100
120
ID, Drain Current (A)
VDS=400V
RG=2.5Ω
TJ=125°C
L=100µH
Switching Energy vs Current
Eon
Eoff
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
20406080
100
120
ID, Drain Current (A)
VDS=400V
RG=2.5Ω
TJ=125°C
L=100µH
Eon
Eoff
0
2
4
6
8
10
0
5
10
15
20
25
Gate Resistance (Ohms)
Switching Energy vs Gate Resistance
VDS=400V
ID=72A
TJ=125°C
L=100µH
Hard
Switching
ZVS
ZCS
0
20
40
60
80
100
120
140
160
15 20 25 30 35 40 45 50 55 60 65
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=400V
D=50%
RG=2.5Ω
TJ=125°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com