Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMIS-30624 Datasheet(PDF) 21 Page - AMI SEMICONDUCTOR

Part # AMIS-30624
Description  I2C Microstepping Motordriver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-30624 Datasheet(HTML) 21 Page - AMI SEMICONDUCTOR

Back Button AMIS-30624 Datasheet HTML 17Page - AMI SEMICONDUCTOR AMIS-30624 Datasheet HTML 18Page - AMI SEMICONDUCTOR AMIS-30624 Datasheet HTML 19Page - AMI SEMICONDUCTOR AMIS-30624 Datasheet HTML 20Page - AMI SEMICONDUCTOR AMIS-30624 Datasheet HTML 21Page - AMI SEMICONDUCTOR AMIS-30624 Datasheet HTML 22Page - AMI SEMICONDUCTOR AMIS-30624 Datasheet HTML 23Page - AMI SEMICONDUCTOR AMIS-30624 Datasheet HTML 24Page - AMI SEMICONDUCTOR AMIS-30624 Datasheet HTML 25Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
AMIS-30624 I
2C Microstepping Motordriver
Data Sheet
As illustrated in Table 15, the state is depending on the previous state, the condition of the two switch controls (DriveLS and DriveHS)
and the output of HW_Cmp. Figure 11 shows an example of a practical case where a connection to VBAT is interrupted.
t
R
th
Tsw = 1024
µs
DriveHS
"R"-Comp
t
t
t
DriveLS
HW_Cmp
State
t
Tsw_on = 128
µs
Condition
R2VBAT
OPEN
R2VBAT
R2GND
Figure 11: Timing Diagram Showing the Change in States for HW Comparator
t
PC20060926.2
R2VBAT
A resistor is connected between VBAT and HW. Every 1024
µs SBOT is closed for a period of 128µs and a current is sensed. The output
of the I
R converter is low and the HW_Cmp output is high. Assuming the previous state was floating, the internal LOGIC will
interpret this as a change of state and the new state will be High (see also Table 15). The next time SBOT is closed the same condition is
observed. The previous state was high, so based on Table 15 the new state remains unchanged. This high state will be interpreted as
HW address = 1.
OPEN
In case the HW connection is lost (broken wire, bad contact in connector) the next time SBOT is closed this will be sensed. There will be
no current, the output of the corresponding I
R converter is high and the HW_Cmp will be low. The previous state was High. Based
on Table 15 one can see that the state changes to float. This will trigger a motion to secure position after a debounce time of 64 ms.
This prevents false triggering in case of micro interruptions of the power supply. See also Electrical Transient Conduction Along Supply
Lines.
R2GND
If a resistor is connected between HW and the GND, a current is sensed every 1024
µs when STOP is closed. The output of the top I
R
converter is low and as a result the HW_Cmp output switches to high. Again based on the stated diagram in Table 15 one can see that
the state will change to low. This low state will be interpreted as HW address = 0.
21
AMI Semiconductor
– Apr. 2007, Rev 3.1, M-20664-003
www.amis.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com